Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASPM34 Datasheet(PDF) 2 Page - ON Semiconductor

Part # ASPM34
Description  Automotive 3-Phase 1200 V 50 A IGBT Intelligent Power Module
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ASPM34 Datasheet(HTML) 2 Page - ON Semiconductor

  ASPM34 Datasheet HTML 1Page - ON Semiconductor ASPM34 Datasheet HTML 2Page - ON Semiconductor ASPM34 Datasheet HTML 3Page - ON Semiconductor ASPM34 Datasheet HTML 4Page - ON Semiconductor ASPM34 Datasheet HTML 5Page - ON Semiconductor ASPM34 Datasheet HTML 6Page - ON Semiconductor ASPM34 Datasheet HTML 7Page - ON Semiconductor ASPM34 Datasheet HTML 8Page - ON Semiconductor ASPM34 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
NFVA25012NP2T
www.onsemi.com
2
Related Resources
• AN−9075 − Users Guide for 1200V SPM®2 Series
• AN−9076 − Mounting Guide for New SPM®2 Package
• AN−9079 − Thermal Performance of 1200 V Motion
SPM® 2 Series by Mounting Torque
• Integrated Power Functions
• Integrated Drive, Protection, and System Control
Functions
Integrated Power Functions
• 1200 V - 50 A IGBT inverter for three−phase DC / AC
power conversion (Please refer to Figure 1)
Integrated Drive, Protection and System Control
Functions
• For inverter high−side IGBTs: gate drive circuit,
high−voltage isolated high−speed level shifting
control circuit Under−Voltage Lock−Out Protection
(UVLO)
• For inverter low−side IGBTs: gate drive circuit,
Short−Circuit Protection (SCP)
control supply circuit Under−Voltage Lock−Out
Protection (UVLO)
• Fault signaling: corresponding to UVLO (low−side
supply) and SC faults
• Input interface: active−HIGH interface, works with 3.3 /
5 V logic, Schmitt−trigger input
PIN CONFIGURATION
Figure 1. Pin Configuration − Top View
(34) VS(W)
(33) VB(W)
(31) VDD(WH)
(30) IN(WH)
(29) VS(V)
(28) VB(V)
(26) VDD(VH)
(25) IN(VH)
(24) VS(U)
(23) VB(U)
(21) VDD(UH)
(20) COM (H)
(19) IN(UH)
(18) RSC
(17) CSC
(16) CFOD
(15) VFO
(12) IN (UL)
(13) IN (VL)
(14) IN (WL)
(10) VDD(L)
(11) COM (L)
(22) VBD(U)
(27) VBD(V)
(32) VBD(W)
(1) P
(2) W
(3) V
(4) U
(5) N W
(6) N V
(7) N U
(8) RTH
(9) VTH
Case Temperature (TC)
Detecting Point



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com