Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASPM34 Datasheet(PDF) 3 Page - ON Semiconductor

Part # ASPM34
Description  Automotive 3-Phase 1200 V 50 A IGBT Intelligent Power Module
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ASPM34 Datasheet(HTML) 3 Page - ON Semiconductor

  ASPM34 Datasheet HTML 1Page - ON Semiconductor ASPM34 Datasheet HTML 2Page - ON Semiconductor ASPM34 Datasheet HTML 3Page - ON Semiconductor ASPM34 Datasheet HTML 4Page - ON Semiconductor ASPM34 Datasheet HTML 5Page - ON Semiconductor ASPM34 Datasheet HTML 6Page - ON Semiconductor ASPM34 Datasheet HTML 7Page - ON Semiconductor ASPM34 Datasheet HTML 8Page - ON Semiconductor ASPM34 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
NFVA25012NP2T
www.onsemi.com
3
PIN DESCRIPTION
Pin Number
Pin Name
Pin Description
1
P
Positive DC−Link Input
2
W
Output for W Phase
3
V
Output for V Phase
4
U
Output for U Phase
5
NW
Negative DC−Link Input for W Phase
6
NV
Negative DC−Link Input for V Phase
7
NU
Negative DC−Link Input for U Phase
8
RTH
Series Resistor for Thermistor (Temperature Detection)
9
VTH
Thermistor Bias Voltage
10
VDD(L)
Low−Side Bias Voltage for IC and IGBTs Driving
11
COM(L)
Low−Side Common Supply Ground
12
IN(UL)
Signal Input for Low−Side U Phase
13
IN(VL)
Signal Input for Low−Side V Phase
14
IN(WL)
Signal Input for Low−Side W Phase
15
VFO
Fault Output
16
CFOD
Capacitor for Fault Output Duration Selection
17
CSC
Shut Down Input for Short−Circuit Current Detection Input
18
RSC
Resistor for Short−Circuit Current Detection
19
IN(UH)
Signal Input for High−Side U Phase
20
COM(H)
High−Side Common Supply Ground
21
VDD(UH)
High−Side Bias Voltage for U Phase IC
22
VBD(U)
Anode of Bootstrap Diode for U Phase High−Side Bootstrap Circuit
23
VB(U)
High−Side Bias Voltage for U Phase IGBT Driving
24
VS(U)
High−Side Bias Voltage Ground for U Phase IGBT Driving
25
IN(VH)
Signal Input for High−Side V Phase
26
VDD(VH)
High−Side Bias Voltage for V Phase IC
27
VBD(V)
Anode of Bootstrap Diode for V Phase High−Side Bootstrap Circuit
28
VB(V)
High−Side Bias Voltage for V Phase IGBT Driving
29
VS(V)
High−Side Bias Voltage Ground for V Phase IGBT Driving
30
IN(WH)
Signal Input for High−Side W Phase
31
VDD(WH)
High−Side Bias Voltage for W Phase IC
32
VBD(W)
Anode of Bootstrap Diode for W Phase High−Side Bootstrap Circuit
33
VB(W)
High−Side Bias Voltage for W Phase IGBT Driving
34
VS(W)
High−Side Bias Voltage Ground for W Phase IGBT Driving



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com