Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASPM34 Datasheet(PDF) 10 Page - ON Semiconductor

Part # ASPM34
Description  Automotive 3-Phase 1200 V 50 A IGBT Intelligent Power Module
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ASPM34 Datasheet(HTML) 10 Page - ON Semiconductor

Back Button ASPM34 Datasheet HTML 6Page - ON Semiconductor ASPM34 Datasheet HTML 7Page - ON Semiconductor ASPM34 Datasheet HTML 8Page - ON Semiconductor ASPM34 Datasheet HTML 9Page - ON Semiconductor ASPM34 Datasheet HTML 10Page - ON Semiconductor ASPM34 Datasheet HTML 11Page - ON Semiconductor ASPM34 Datasheet HTML 12Page - ON Semiconductor ASPM34 Datasheet HTML 13Page - ON Semiconductor ASPM34 Datasheet HTML 14Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
NFVA25012NP2T
www.onsemi.com
10
Figure 8. Mounting Screws Torque Order
NOTES:
12.Do not over torque when mounting screws. Too much mounting torque may cause DBC cracks, as well as bolts and Al heat−sink
destruction.
13.Avoid one−sided tightening stress. Figure 8 shows the recommended torque order for the mounting screws. Uneven mounting can cause
the DBC substrate of package to be damaged. The pre−screwing torque is set to 20~30% of maximum torque rating.
Pre − Screwing: 1 → 2
Final Screwing: 2 → 1
1
2
TIME CHARTS OF SPMs PROTECTIVE FUNCTION
Figure 9. Under-Voltage Protection (Low-Side)
a1: Control supply voltage rises: after the voltage rises UVDDR, the circuits start to operate when the next input is applied.
a2: Normal operation: IGBT ON and carrying current.
a3: Under-voltage detection (UVDDD).
a4: IGBT OFF in spite of control input condition.
a5: Fault output operation starts with a fixed pulse width according to the condition of the external capacitor CFOD.
a6: Under-voltage reset (UVDDR).
a7: Normal operation: IGBT ON and carrying current by triggering next signal from LOW to HIGH.
Input Signal
Output Current
Fault Output Signal
Control
Supply Voltage
RESET
UV
Protection
Circuit State
SET
RESET
a1
a3
a2
a4
a6
a5
a7
DDR
UVDDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com