Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASPM34 Datasheet(PDF) 13 Page - ON Semiconductor

Part # ASPM34
Description  Automotive 3-Phase 1200 V 50 A IGBT Intelligent Power Module
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ASPM34 Datasheet(HTML) 13 Page - ON Semiconductor

Back Button ASPM34 Datasheet HTML 8Page - ON Semiconductor ASPM34 Datasheet HTML 9Page - ON Semiconductor ASPM34 Datasheet HTML 10Page - ON Semiconductor ASPM34 Datasheet HTML 11Page - ON Semiconductor ASPM34 Datasheet HTML 12Page - ON Semiconductor ASPM34 Datasheet HTML 13Page - ON Semiconductor ASPM34 Datasheet HTML 14Page - ON Semiconductor ASPM34 Datasheet HTML 15Page - ON Semiconductor ASPM34 Datasheet HTML 16Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
NFVA25012NP2T
www.onsemi.com
13
Figure 13. Typical Application Circuit
NOTES:
15.To avoid malfunction, the wiring of each input should be as short as possible (less than 2 − 3 cm).
16.VFO output is an open−drain type. This signal line should be pulled up to the positive side of the MCU or control power supply with a resistor
that makes IFO up to 2 mA. Please refer to Figure 13.
17.Fault out pulse width can be adjust by capacitor C5 connected to the CFOD terminal.
18.Input signal is active−HIGH type. There is a 5 kW resistor inside the IC to pull−down each input signal line to GND. RC coupling circuits
should be adopted for the prevention of input signal oscillation. R1C1 time constant should be selected in the range 50~ 50 ns
(recommended R1 = 100 W, C1 = 1 nF).
19.Each wiring pattern inductance of point A should be minimized (recommend less than 10 nH). Use the shunt resistor R4 of surface mounted
(SMD) type to reduce wiring inductance. To prevent malfunction, wiring of point E should be connected to the terminal of the shunt resistor
R4 as close as possible.
20.To insert the shunt resistor to measure each phase current at NU, NV, NW terminal, it makes to change the trip level ISC about the
short−circuit current.
21.To prevent errors of the protection function, the wiring of points B, C, and D should be as short as possible. The wiring of B between CSC
filter and RSC terminal should be divided at the point that is close to the terminal of sense resistor R5.
22.For stable protection function, use the sense resistor R5 with resistance variation within 1% and low inductance value.
23.In the short−circuit protection circuit, select the R6C6 time constant in the range 1.0~1.5 ms. R6 should be selected with a minimum of
10 times larger resistance than sense resistor R5. Do enough evaluaiton on the real system because short−circuit protection time may
vary wiring pattern layout and value of the R6C6 time constant.
24.Each capacitor should be mounted as close to the pins of the ASPM34 product as possible.
25.To prevent surge destruction, the wiring between the smoothing capacitor C7 and the P & GND pins should be as short as possible. The
use of a high−frequency non−inductive capacitor of around 0.1~0.22 mF between the P & GND pins is recommended.
26.Relays are used in most systems of electrical equipments in industrial application. In these cases, there should be sufficient distance
between the MCU and the relays.
27.The Zener diode or transient voltage suppressor should be adapted for the protection of ICs from the surge destruction between each pair
of control supply terminals (recommended Zener diode is 22 V / 1 W, which has the lower Zener impedance characteristic than about 15 W).
28.C2 of around seven times larger than bootstrap capacitor C3 is recommended.
29.Please choose the electrolytic capacitor with good temperature characteristic in C3. Choose 0.1~0.2 mF R−category ceramic capacitors
with good temperature and frequency characteristics in C4.
Fault
C3
C4
C3
C4
C3
C4
C2
C4
R3
C1
R1
M
VDC
C7
Gating UH
Gating VH
Gating WH
Gating WL
Gating VL
Gating UL
C1
M
C
U
R4
R4
R4
W−Phase Current
V−Phase Current
U−Phase Current
R6
C6
R1
R1
R1
R1
R1
R1
C1
C1
C1
C1 C1 C1
R7
5V line
LVIC
COM
VDD
IN
IN
IN
VFO
CSC
OUT
OUT
OUT
W (2)
P (1)
(24) V S(U)
(23) V B(U)
(29) V S(V)
(28) V B(V)
(17) C SC
(15) V FO
(14) IN (WL)
(13) IN (VL)
(12) IN (UL)
HVIC
VB
OUT
IN
(25) IN (VH)
(10) V DD(L)
(19) IN (UH)
(34) V S(W)
(33) V B(W)
(21) V DD(UH)
(30) IN (WH)
Thermistor
VS
(11) COM (L)
VDD
COM
CFOD
NU (7)
NV (6)
NW (5)
U (4)
V (3)
(8) R TH
(9) V TH
(16) C FOD
RSC (18)
(20) COM (H)
(22) V BD(U)
(26) V DD(VH)
(27) V BD(V)
(31) V DD(WH)
(32) V BD(W)
HVIC
VB
OUT
IN
VS
VDD
COM
HVIC
VB
OUT
IN
VS
VDD
COM
15V line
C5
5V line
Temp.
Monitoring
R5
E
C4
C4
C4
R2
R2
R2
Sense
Resistor
Shunt
Resistor
A
B
C
D
Control
GND Line
Power
GND Line



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com