Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SB710 Datasheet(PDF) 21 Page - Advanced Micro Devices

Part # SB710
Description  AMD SB710 Databook
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

SB710 Datasheet(HTML) 21 Page - Advanced Micro Devices

Back Button SB710 Datasheet HTML 17Page - Advanced Micro Devices SB710 Datasheet HTML 18Page - Advanced Micro Devices SB710 Datasheet HTML 19Page - Advanced Micro Devices SB710 Datasheet HTML 20Page - Advanced Micro Devices SB710 Datasheet HTML 21Page - Advanced Micro Devices SB710 Datasheet HTML 22Page - Advanced Micro Devices SB710 Datasheet HTML 23Page - Advanced Micro Devices SB710 Datasheet HTML 24Page - Advanced Micro Devices SB710 Datasheet HTML 25Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 88 page
background image
45215
Rev. 1.60 November 09
AMD SB710 Databook
SB710 Strap Information
21
Pad Name
Strap Name
Type
Description
PCI_AD27
PCI_PLL
II
Bypass PCI PLL
0 V – Bypass internal PLL clock .
Use REQ3# as A-Link bypass clock
Use GNT3# as B-Link bypass clock
3.3 V – Use internal PLL-generated PLL
CLK (Default)
(Internal PU of 15 k
)
PCI_AD26
ACPI_BCLK
II
Bypass ACPI_BCLK
0 V – Bypass internal generated acpi_bclk.
GNT0# as acpi_bclk bypass clock.
3.3 V – Use internal generated acpi_bclk (Default)
(Internal PU of 15 k
)
PCI_AD25
IDE_PLL
II
Bypass IDE CLK
0 V – Bypass internal Ide Clk
Use GNT2# as Ide 66-MHz bypass clock.
Use REQ2# as Ide 50-MHz bypass clock.
Use REQ1# as Ide 33-MHz bypass clock.
3.3 V – Use internal PLL Ide Clk (Default)
(Internal PU of 15 k
).
PCI_AD24
PCIE_EEPROM
II
A-Link Express-II core strap from I2C ROM enable
0 V – Use EEPROM PCI-E straps, getting the value
from I2C EPROM.
I2C EPROM ADDRESS set to all zeroes.
Use GNT4# as SDA
Use REQ4# as SCL.
3.3 V – Use default PCI-E straps (Default)
(Internal PU of 15 k
)
PCI_AD23
Reserved
—
Reserved (Internal PU of 15 k
)
Table 4-3: Additional Straps
The following strap is not captured by the straps logic, but is required to make the internal RTC work
properly.
Pad Name
Strap Name
Description
RTCCLK
—
The pin should be pulled-up to S5_3.3V and a crystal should be put
on X1/X2 to enable the internal RTC. Otherwise, the internal RTC
may not function properly



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com