Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SB710 Datasheet(PDF) 49 Page - Advanced Micro Devices

Part # SB710
Description  AMD SB710 Databook
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

SB710 Datasheet(HTML) 49 Page - Advanced Micro Devices

Back Button SB710 Datasheet HTML 45Page - Advanced Micro Devices SB710 Datasheet HTML 46Page - Advanced Micro Devices SB710 Datasheet HTML 47Page - Advanced Micro Devices SB710 Datasheet HTML 48Page - Advanced Micro Devices SB710 Datasheet HTML 49Page - Advanced Micro Devices SB710 Datasheet HTML 50Page - Advanced Micro Devices SB710 Datasheet HTML 51Page - Advanced Micro Devices SB710 Datasheet HTML 52Page - Advanced Micro Devices SB710 Datasheet HTML 53Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 88 page
background image
45215
Rev. 1.60 November 09
AMD SB710 Databook
Functional Description
49
8 Functional Description
8.1
EHCI USB 2.0 and OHCI USB 1.1 Controllers
Port 0
ROOT HUB
PHY
OHCI0
Device 19
(13h)
Function 0
Device ID
4397h
Vendor ID
1002h
EHCI
Device 19 (13h)
Function 2
Device ID 4396h
Vendor ID 1002h
OHCI1
Device 19
(13h)
Function 1
Device ID
4398h
Vendor ID
1002h
OHCI ARBITOR
A-Link Express II Interface
A-Link (PCI BUS 0)
B-Link
NB
PCI M/S
slv
slv
slv
PM_event
ACPI
controlle
r
ROOT HUB
OHCI0
Device 18
(12h)
Function 0
Device ID
4397h
Vendor ID
1002h
EHCI
Device 18 (12h)
Function 2
Device ID 4396h
Vendor ID 1002h
OHCI1
Device 18
(12h)
Function 1
Device ID
4398h
Vendor ID
1002h
OHCI ARBITOR
slv
slv
slv
OHCI
Device 20
(14h)
Function 0
Device ID
4399h
Vendor ID
1002h
slv
Port 1
Port 2
Port 3
Port 4
Port 5
Port 6
Port 7
Port 8
Port 9
Port 10
Port 11
Port 12
Port 13
OHCI (dev-20)
Port 12/13
OHCI0 (dev-18)
Port 0/1/2
OHCI1 (dev-18)
Port 3/4/5
EHCI (dev-18)
Port 0-5
OHCI0 (dev-19)
Port 6/7/8
OHCI1 (dev-19)
Port 9/10/11
EHCI (dev-19)
Port 6 - 11
INTA
INTB
INTD
INTC
INTC
Figure 8-1: SB710 USB 2.0 System Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com