Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SB710 Datasheet(PDF) 30 Page - Advanced Micro Devices

Part # SB710
Description  AMD SB710 Databook
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

SB710 Datasheet(HTML) 30 Page - Advanced Micro Devices

Back Button SB710 Datasheet HTML 26Page - Advanced Micro Devices SB710 Datasheet HTML 27Page - Advanced Micro Devices SB710 Datasheet HTML 28Page - Advanced Micro Devices SB710 Datasheet HTML 29Page - Advanced Micro Devices SB710 Datasheet HTML 30Page - Advanced Micro Devices SB710 Datasheet HTML 31Page - Advanced Micro Devices SB710 Datasheet HTML 32Page - Advanced Micro Devices SB710 Datasheet HTML 33Page - Advanced Micro Devices SB710 Datasheet HTML 34Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 88 page
background image
AMD SB710 Databook
45215 Rev. 1.60 November 09
30
SB710 Ballout Map
14
15
16
17
18
19
20
21
22
23
24
25
USB_HSD0N
AVSS_USB_1
AVDDTX_0
S5_3.3V_1
KSO_16
KSO_13
KSO_10
KSO_7
KSO_4
KSO_2
S5_3.3V_2
VSS_2
A
USB_HSD0P
AVSS_USB_2
AVDDTX_1
S5_3.3V_3
KSO_17
KSO_12
KSO_11
KSO_6
KSO_5
KSO_1
KSO_0
KSI_6
B
AVSS_USB_3
AVDDTX_2
KSO_15
KSO_9
KSO_3
KSI_7
KSI_5
KSI_4
C
AVSS_USB_8
AVSS_USB_9
AVDDTX_3
AVDDTX_4
KSO_14
IMC_PWM2/IMC_
GPO16
KSO_8
SCL2/IMC_GPIO
11
PS2KB_DAT
PS2M_CLK
KSI_3
KSI_2
D
USB_HSD6N
AVSS_USB_10
AVDDTX_5
IMC_PWM3/IMC_
GPO17
IMC_PWM1/IMC_
GPIO15
SCL3_LV/IMC_G
PIO13
SDA3_LV/IMC_G
PIO14
LPCCLK1
PS2KB_CLK
PS2M_DAT
E
AVSS_USB_12
AVDDRX_0
AVDDRX_1
AVDDRX_2
SDA2/IMC_GPIO
12
VSS_5
IMC_PWM0/IMC_
GPIO10
LDT_PG
ALLOW_LDTSTP
PROCHOT#
IDE_RST#/F_RS
T#/IMC_GPO3
F
USB_HSD3N
AVDDRX_3
AVDDRX_4
AVDDRX_5
VSS_6
KSI_0
KSI_1
LPCCLK0
LDT_RST#
LDT_STP#
G
USB_HSD2P
USB_HSD2N
AVSS_USB_15 PCIE_CK_VSS_1
PS2_DAT
PS2_CLK
SPI_CS2#/IMC_G
PIO2
LDRQ0#
LAD1
LAD0
LFRAME#
H
AVSS_USB_19
AVSS_USB_20
AVDDCK_3.3V PCIE_CK_VSS_2
GPP_CLK0N
GPP_CLK0P
14M_X2*
14M_X1*
PCIE_CK_VSS_3
LAD3
LAD2
J
AVSS_USB_23
AVSS_USB_24
VSS_10
AVDDCK_1.2V
NB_DISP_CLKN NB_DISP_CLKP
LPC_SMI#/EXTE
VNT1#
PCIE_CK_VSS_4
K
VSS_16
VDD_1
VSS_17
AVSSCK
25M_48M_66M_
OSC
GPP_CLK1N
GPP_CLK1P
CKVDD_1.2V_1
CKVDD_1.2V_2
CKVDD_1.2V_3
CKVDD_1.2V_4
L
VDD_3
VSS_22
PCIE_CK_VSS_5 PCIE_CK_VSS_6 CPU_HT_CLKN
GPP_CLK2P
GPP_CLK2N
PCIE_CK_VSS_7 SLT_GFX_CLKN SLT_GFX_CLKP
NB_HT_CLKP
NB_HT_CLKN
M
VSS_25
GPP_CLK3P
PCIE_RCLKN/NB
_LNK_CLKN
PCIE_RCLKP/NB
_LNK_CLKP
N
VDD_6
VSS_31
PCIE_CK_VSS_8 CPU_HT_CLKP
PCIE_VDDR_1
PCIE_VDDR_2
PCIE_VDDR_3
PCIE_VDDR_4
GPP_CLK3N
PCIE_CK_VSS_9
PCIE_PVDD
PCIE_PVSS
P
VSS_38
VDD_8
PCIE_CK_VSS_1
0
PCIE_RX3N
PCIE_RX3P
PCIE_CK_VSS_1
1
PCIE_RX2P
PCIE_RX2N
PCIE_VDDR_5
PCIE_VDDR_6
PCIE_VDDR_7
R
VSS_41
VDDQ_3
VDD_9
PCIE_CK_VSS_1
2
PCIE_TX3N
PCIE_TX3P
PCIE_CALRN
PCIE_CALRP
T
VSS_43
LAN_RST#/GPIO
13
VDDQ_5
VDDQ_6
PCIE_CK_VSS_1
3
PCIE_RX1P
PCIE_CK_VSS_1
4
PCIE_RX0N
PCIE_RX0P
PCIE_TX2N
PCIE_TX2P
U
AVSS_SATA_6
SERIRQ
CLK_REQ1#/SAT
A_IS4#/FANOUT
3/GPIO39
PCIE_CK_VSS_1
5
PCIE_RX1N
PCIE_CK_VSS_1
6
PCIE_CK_VSS_1
7
PCIE_TX0N
PCIE_TX0P
PCIE_TX1P
PCIE_TX1N
V
NB_PWRGD
KBRST#/GEVEN
T1#
CLK_REQ0#/SAT
A_IS3#/GPIO0
SDA0/GPOC1#
PCIE_CK_VSS_1
8
CLK_REQ2#/SAT
A_IS5#/FANIN3/
GPIO40
SPKR/GPIO2
PCIE_CK_VSS_1
9
PCIE_CK_VSS_2
0
PCIE_CK_VSS_2
1
W
AVSS_SATA_10
GA20IN/GEVENT
0#
AVSS_SATA_11
DDC1_SDA/GPIO
8
SMARTVOLT2/S
HUTDOWN#/GPI
O5
VDD33_18_1
VSS_45
IDE_A0
IDE_A2
IDE_CS3#
IDE_CS1#
Y
AVDD_SATA_1
AVDD_SATA_2
AVDD_SATA_3
SCL0/GPOC0#
SMARTVOLT1/S
ATA_IS2#/GPIO4
DDC1_SCL/GPIO
9
VDD33_18_2
VDD33_18_3
IDE_IORDY
IDE_IRQ
AA
SATA_RX3N
AVSS_SATA_16
SATA_TX5P
AVSS_SATA_17
AVDD_SATA_4
VSS_47
IDE_D6/GPIO21
VDDQ_12
IDE_D12/GPIO27
IDE_A1
IDE_DACK#
VSS_48
AB
SATA_RX3P
SATA_TX5N
AVDD_SATA_5
IDE_D9/GPIO24
IDE_D3/GPIO18 IDE_D15/GPIO30
IDE_IOW#
IDE_IOR#
AC
SATA_TX4N
SATA_RX4N
SATA_RX5P
AVDD_SATA_6
CLK_REQ3#/SAT
A_IS1#/GPIO6
IDE_D7/GPIO22 IDE_D10/GPIO25 IDE_D4/GPIO19 IDE_D13/GPIO28 IDE_D1/GPIO16 IDE_D0/GPIO15
IDE_DRQ
AD
SATA_TX4P
SATA_RX4P
SATA_RX5N
AVDD_SATA_7
SATA_IS0#/GPIO
10
IDE_D8/GPIO23 IDE_D5/GPIO20 IDE_D11/GPIO26 IDE_D2/GPIO17 IDE_D14/GPIO29
VSS_50
VDD33_18_4
AE
14
15
16
17
18
19
20
21
22
23
24
25
Figure 6-2: SB710 Ball-out Assignment (Right)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com