Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SB710 Datasheet(PDF) 9 Page - Advanced Micro Devices

Part # SB710
Description  AMD SB710 Databook
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

SB710 Datasheet(HTML) 9 Page - Advanced Micro Devices

Back Button SB710 Datasheet HTML 5Page - Advanced Micro Devices SB710 Datasheet HTML 6Page - Advanced Micro Devices SB710 Datasheet HTML 7Page - Advanced Micro Devices SB710 Datasheet HTML 8Page - Advanced Micro Devices SB710 Datasheet HTML 9Page - Advanced Micro Devices SB710 Datasheet HTML 10Page - Advanced Micro Devices SB710 Datasheet HTML 11Page - Advanced Micro Devices SB710 Datasheet HTML 12Page - Advanced Micro Devices SB710 Datasheet HTML 13Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 88 page
background image
45215
Rev. 1.60 November 09
AMD SB710 Databook
Introduction
9
Supports both SATA 1.5 and SATA 3.0
compliance devices
Two modes of operation are supported
Legacy Mode using I/O space
AHCI mode using the Memory space
Parallel ATA emulation supported to allow
seamless support for IDE software.
Supports e-SATA
Supports hot plug for AHCI mode
Legacy IDE Emulation Support
Legacy Mode using I/O space
Parallel ATA emulation supported to allow
seamless support for IDE software.
AMD RAID Support
Supports integrated RAID 0, RAID 1, and
RAID 10 (requires use of 4 or more SATA
ports) functionalities across all 6 ports.
AHCI Support
AHCI mode using the memory space
Supports AHCI hardware assist to support
advanced features such as NCQ (Native
Command Queuing), Hot Plug, and Device
or Host initiated power Management (DIPM
/HIPM)
IDE Controller
Single PATA channel support
Supports PIO, Multi-word DMA, and Ultra
DMA 33/66/100/133 modes.
32x32-byte buffers each channel for
buffering
Swap bay support by tri-state IDE signals
Supports Message Signaled Interrupt
(MSI).
Integrated IDE series resistor
High Definition Audio
4 Independent output streams (DMA)
4 Independent input streams (DMA)
Multiple channels of audio output per stream
Support up to 4 codec’s
Up to 192 kHz Sample Rate and 32-bit
Audio
64-bit addressing capability for DMA Bus
Master
Unified Audio Architecture (UAA) compatible
HD Audio registers can be located anywhere
in the 64-bit address space
Timers
8254 compatible timer
Microsoft High Precision Event Timer
(HPET)
ACPI power management timer
Watchdog timer
RTC (Real Time Clock)
256-byte battery-backed CMOS RAM
Hardware supported century rollover
RTC battery monitoring feature
Power Management
ACPI specification 3.0 compliant power
management schemes
Supports C1e, C2, C3 and C3 pop-up
Supports S0, S1, S3, S4, and S5
Wakeup events for S1, S3, S4/S5 generated
by:
Any GEVENT pin
Any GPM pin
USB
Power Button
Internal RTC wakeup
SMI# event
Full support for On-Now
CPU SMM support, generating SMI# signal
upon power management events
GPIO supports on external wake up events



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com