Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SB710 Datasheet(PDF) 39 Page - Advanced Micro Devices

Part # SB710
Description  AMD SB710 Databook
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

SB710 Datasheet(HTML) 39 Page - Advanced Micro Devices

Back Button SB710 Datasheet HTML 35Page - Advanced Micro Devices SB710 Datasheet HTML 36Page - Advanced Micro Devices SB710 Datasheet HTML 37Page - Advanced Micro Devices SB710 Datasheet HTML 38Page - Advanced Micro Devices SB710 Datasheet HTML 39Page - Advanced Micro Devices SB710 Datasheet HTML 40Page - Advanced Micro Devices SB710 Datasheet HTML 41Page - Advanced Micro Devices SB710 Datasheet HTML 42Page - Advanced Micro Devices SB710 Datasheet HTML 43Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 88 page
background image
45215
Rev. 1.60 November 09
AMD SB710 Databook
Signal Description
39
SDA3/IMC_GPIO14
I/OD
0.8-V threshold,
S5_3.3V domain
SMBus Data 3/IMC GPIO14
Note: Pin type is I/O when the pin is configured as
GPIO.
SMBALERT#/
THRMTRIP#/
GEVENT2#
I/O
S5_3.3V
SMBus Alert# / Thermal Trip / General Event 2
SM Bus Alert: This signal is used to wake the system
or generate an SMI#. If not used for SMBALERT#, it
can be used for thermal trip or as a GEVENT.
Notes: (1) SDA1 And SCL1 SMBus interface is dedicated for ASF devices only. It should not be used to connect
to any other devices.
(2) There are only two SMBus controllers. The SCL1/SDA1 pair is controlled by SMBus controller 1.
SCL0/SDA0, SCL2/SDA2, and SCL3/SDA3 are multiplexed pins that are all controlled by SMBus controller
0, and only 1 pair of those pins can be active at any time.
7.14
External Event / General Event / General Power Management /
General Purpose Open Collector
The EXTEVENT/GEVENT/GPM/GPOC pins of the SB710 are multiplexed with other functions. For
information on how to configure the EXTEVENT/GEVENT/GPM/ GPOC pins for the desired functions,
see the AMD SB700/SB710/SB750 Register Reference Guide.
The table below lists all the EXTEVENT/GEVENT/GPM/GPOC pins on the SB710. The Default Type
column shows the state of the pin (default function) after de-assertion of the PCI host bus reset
(A_RST#), which happens after power up or after system reset. Signals that are in input state after reset
will be tri-state (TS) if they do not have any internal PU (pull-up) or PD (pull-down). For pins that have PU
or PD internally, their states after reset will depend on the PU or PD: for signals with PU, the state will be
HIGH and for signals with PD the state will be LOW. The PU and PD shown are enabled by default after
PCI Reset and can be disabled by System BIOS.
Abbreviations: PU = pull-up, PD = pull-down, OD = open drain, I/O = Input/Output, TS = tri-state
Ball Name
(Default Function
in Blue)
Type
Voltage and
Domain
Internal
Resistor
(Default in
Blue)
Default
Type
(Default
State in
Blue)
Functional Description
USB_OC0#/
GPM0#
I/O
3.3V_S5
10-kΩ PU
10-kΩ PD
Input
USB Over Current 0/
GPM 0
USB_OC1#/
GPM1#
I/O
3.3V_S5
10-kΩ PU
10-kΩ PD
Input
USB Over Current 1/
GPM 1
USB_OC2#/
GPM2#
I/O
3.3V_S5
10-kΩ PU
10-kΩ PD
Input
USB Over Current 2/
GPM 2
USB_OC3#/
IR_RX1/
GPM3#
I/O
3.3V_S5
10-kΩ PU
10-kΩ PD
Input
USB Over Current 3/
Infrared Receive 1/
GPM 3
USB_OC4#/
IR_RX0/
GPM4#
I/O
3.3V_S5
10-kΩ PU
10-kΩ PD
Input
USB Over Current 4/ Infrared
Receive 0/
GPM 4
USB_OC5#/
IR_TX0/
GPM5#
I/O/
OD
3.3V_S5
10-kΩ PU
10-kΩ PD
Input
USB Over Current 5/
Infrared Transmit 0/
GPM 5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com