Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SB710 Datasheet(PDF) 13 Page - Advanced Micro Devices

Part # SB710
Description  AMD SB710 Databook
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

SB710 Datasheet(HTML) 13 Page - Advanced Micro Devices

Back Button SB710 Datasheet HTML 9Page - Advanced Micro Devices SB710 Datasheet HTML 10Page - Advanced Micro Devices SB710 Datasheet HTML 11Page - Advanced Micro Devices SB710 Datasheet HTML 12Page - Advanced Micro Devices SB710 Datasheet HTML 13Page - Advanced Micro Devices SB710 Datasheet HTML 14Page - Advanced Micro Devices SB710 Datasheet HTML 15Page - Advanced Micro Devices SB710 Datasheet HTML 16Page - Advanced Micro Devices SB710 Datasheet HTML 17Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 88 page
background image
45215
Rev. 1.60 November 09
AMD SB710 Databook
SB710 Power on Sequence and Timing
13
3 SB710 Power on Sequence and Timing
3.1
Power Up and Down Sequences
Simple diagrams of the SB710 power up sequences are shown in Figure 3-1 and Figure 3-2 below. A
power detection circuit is integrated into the SB710. This circuit will monitor SB PWR_GOOD and will
assert A_RST# and LDT_RST# for as long as SB PWR_GOOD is false. After SB PWR_GOOD has been
asserted, A_RST#, followed by LDT_RST#, will be de-asserted. Table 4-1 shows the timing requirements
referenced in Figure 3-1 through Figure 3-5. Besides the illustrated requirements, it is also required that
the ramp time for any rail be less than 40ms.
Table 3-1: SB710 Power Up/Down Sequence Timing
Symbol
Min.
Max.
Description
T1
Note 1
+3.3V_S5 to +1.2V_S5
T2
10 ms
–
+3.3V_S5 to resume reset (RSMRST#).
T2A
–
50 ms
Resume reset (RSMRST#) rise time (10% to 90%). SB710 has a Schmitt trigger
input with de-bouncing logic on this pin, so the value is relaxed relative to earlier
AMD SB designs.
T3
32 ms
–
RSMRST# de-asserted to Start of RTCCLK output from SB710.
T4
50 ns
SB PWR_GOOD de-assertion to NB_PWRGD de-assertion delay.
T7
0 ns
30 ns
SB PWR_GOOD assertion to NB_PWRGD assertion delay when using the
SB710 NB_PWRGD output. This parameter is the internal delay of the SB. The
system board design may add additional delay due to loading and trace length.
The acceptable delay including system layout / loading is 1 ms maximum..
T7A
–
50 ms
SB PWR_GOOD rise time (10% to 90 %). See Note 3. SB710 has a Schmitt
trigger with de-bouncing logic on this pin, so the value is relaxed relative to
earlier AMD SB designs.
T7B
–
1 ms
SB PWR_GOOD fall time.
0 ns
T8A
Note 4
100 ns
A_RST# (PCI host bus reset) to PCIRST#.
T8B
–
Note 5
KBRST# to A_RST#.
T8C
1.0 ms
2.3 ms
PCIRST# to LDT_RST#.
T8D
98 ms
108 ms
NB_PWRGD to LDT_PG.
T9
101 ms
113 ms
SB PWR_GOOD to PCIRST#.
T9A
101 ms
113 ms
SB PWR_GOOD to A_RST# (T9-T8A).
T9B
31 ms
–
SB PWR_GOOD to LDT_STP#. See Note 11
T10
-31 ms
–
PCIE_CLKP/N stable time before SB PWRGOOD assertion.
T11
36 ms
41 ms
SB PWR_GOOD to stable PCICLK 33 MHz. See Note 8.
–
15 ns
Wake Event (except PwrButton) to SLP_S3# / SLP_S5#.
200 ns
–
Wake Event (PwrButton) to SLP_S3# / SLP_S5# (S5/S4/S3  S0)
T13
8 ns
--
Wake Event (PwrButton) to SLP_S3# / SLP_S5# (G3  S5  S0)
T13A
80 ns
–
SB PWR_GOOD must be de-asserted before VDD (PS PWOK) drops more than
5% off the nominal value. See Note 9.
T14
1 ns
–
SB PWR_GOOD de-assertion to Resume Reset (RSMRST#) assertion. See
Note 10.
T15
5 s
–
[Not illustrated] VBAT to +3.3V_S5 to +1.2V_S5. Must be greater than 5
seconds to allow start time for the internal RTC.
T16A
40 µs
–
LDT_STP# assertion to LDT_RST# assertion.
T16B
4 µs
–
LDT_RST# assertion to SLP_S3# assertion.
See Notes 1 to 12 in the Power Up Sequence Timing Notes section following the timing diagrams.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com