Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SB710 Datasheet(PDF) 68 Page - Advanced Micro Devices

Part # SB710
Description  AMD SB710 Databook
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

SB710 Datasheet(HTML) 68 Page - Advanced Micro Devices

Back Button SB710 Datasheet HTML 64Page - Advanced Micro Devices SB710 Datasheet HTML 65Page - Advanced Micro Devices SB710 Datasheet HTML 66Page - Advanced Micro Devices SB710 Datasheet HTML 67Page - Advanced Micro Devices SB710 Datasheet HTML 68Page - Advanced Micro Devices SB710 Datasheet HTML 69Page - Advanced Micro Devices SB710 Datasheet HTML 70Page - Advanced Micro Devices SB710 Datasheet HTML 71Page - Advanced Micro Devices SB710 Datasheet HTML 72Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 88 page
background image
AMD SB710 Databook
45215 Rev. 1.60 November 09
68
Electrical Characteristics
Symbol
Parameter
Minimum
Maximum
Unit
Condition
ILI
Input Leakage Current
-
+/-10
µA
CIN
Input Capacitance
-
10
pF
IDE
VDD33_18
*
I/O power
3.135
3.46
V
VIH
Input High Voltage
0.5VDD
V5REF
V
VIL
Input Low Voltage
-0.5
03VDD
V
VOL
Output Low Voltage
-
0.662
V
IOL= 6 mA
VOH
Output High Voltage
VDD-0.66
-
V
IOH = 6 mA
ILI
Input Leakage Current
-
+/-10
µA
Pull-up & pull-down
Resistors disabled
CIN
Input Capacitance
-
10
pF
CPU
VCPU_IO
CPU IO Voltage
-
-
V
VIL
Input Low Voltage
-0.15
0.58VCPU_IO
V
VIH
Input High Voltage
0.73VCPU_IO
VCPU_IO
V
VOL
Output Low Voltage
-0.15
0.25VCPU_IO
V
IOL = 4.0 mA
VOH
Output High Voltage /
Internal Pull-up Voltage
-
VCPU_IO
V
ILI
Input Leakage Current
-
+/-10
µA
CIN
Input Capacitance
-
10
pf
All signals from SB710 to CPU are open drain
NB – ALLOW_LDTSTP
VIL
Input Low Voltage
-0.5
0.6
V
VIH
Input High Voltage
1.0
-
V
VOL
Output Low Voltage
-
0.4
V
IOL = 4.0 mA
VOH
Output High Voltage /
Internal Pull-up Voltage
-
3.3
V
With external pull-up
ILI
Input Leakage Current
TBA
TBA
µA
CIN
Input Capacitance
-
10
pf
LPC
See values for the PCI pins.
RSMRST#
S5_3.3V
Core standby power
3.1
3.4
V
VIL
Input Low Voltage
1.0
1.5
V
VIH
Input High Voltage
1.5
2.0
V
ILI
Input Leakage Current
TBA
TBA
µA
CIN
Input Capacitance
-
10
pf
SBPWRGD
VDDQ
I/O power
3.1
3.4
V
VIL
Input Low Voltage
1.0
1.5
V
VIH
Input High Voltage
1.5
2.0
V
ILI
Input Leakage Current
TBA
TBA
µA
CIN
Input Capacitance
-
10
pf
Table 11-4: GPIO/GEVENT Input DC Characteristics
ViL(V)
ViH (V)
Pin Name
Voltage
Min
Max
Min
Max
SATA_IS3#/GPIO0
3.3 V
(5-V Tolerance)
-0.5
0.3* VDDQ
0.7*VDDQ
V5_Ref + 0.25
ROM_CS#/GPIO1
3.3 V
(5-V Tolerance)
-0.5
0.3* VDDQ
0.7*VDDQ
V5_Ref + 0.25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com