Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SB710 Datasheet(PDF) 32 Page - Advanced Micro Devices

Part # SB710
Description  AMD SB710 Databook
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

SB710 Datasheet(HTML) 32 Page - Advanced Micro Devices

Back Button SB710 Datasheet HTML 28Page - Advanced Micro Devices SB710 Datasheet HTML 29Page - Advanced Micro Devices SB710 Datasheet HTML 30Page - Advanced Micro Devices SB710 Datasheet HTML 31Page - Advanced Micro Devices SB710 Datasheet HTML 32Page - Advanced Micro Devices SB710 Datasheet HTML 33Page - Advanced Micro Devices SB710 Datasheet HTML 34Page - Advanced Micro Devices SB710 Datasheet HTML 35Page - Advanced Micro Devices SB710 Datasheet HTML 36Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 88 page
background image
AMD SB710 Databook
45215 Rev. 1.60 November 09
32
Signal Description
7.3
A-Link Express II Interface
Pin Name
Type
Voltage
Functional Description
PCIE_TX[3:0]P
O
A-Link Express II Lane 3-0 Transmit Positive
PCIE_TX[3:0]N
O
A-Link Express II Lane 3-0 Transmit Negative
PCIE_RX[3:0]P
I
A-Link Express II Lane 3-0 Receive Positive
PCIE_RX[3:0]N
I
A-Link Express II Lane 3-0 Receive Negative
PCIE_RCLKP
I/O
A-Link Express II Reference Clock Positive
PCIE_RCLKN
I/O
A-Link Express II Reference Clock Negative
PCIE_CALRP
O
A-Link Express II Calibration, TX termination reference
resistor connection
PCIE_CALRN
O
1.2 V (Filtered)
A-Link Express II Calibration, RX termination reference
resistor connection
7.4
PCI Interface (PCI Host Bus and Internal PCI/PCI Bridge)
Pin Name
Type
Voltage
Functional Description
AD[31:0]
I/O
3.3 V (5-V Tolerance) PCI Bus Address/Data [31:0]
BMREQ#/REQ5#/
GPIO65
I/O
3.3 V (5-V Tolerance) Bus master REQ# / PCI Request 5 Input / GPIO 65
CBE[3:0]#
I/O
3.3 V (5-V Tolerance) Command/Byte Enable[3:0]
CLKRUN#
I/O
3.3 V (5-V Tolerance)
Clock running is de-asserted by the clock provider to
indicate the system is about to shut down the PCI clock.
When it is driven low by other agents, it means the agent
is requesting the clock provider not to deactivate the clock.
DEVSEL#
I/O
3.3 V (5-V Tolerance)
Device Select
Device Select: driven by target to indicate it has decoded
its address as the target of the current access.
FRAME#
I/O
3.3 V (5-V Tolerance)
Cycle Frame: driven by the current master to indicate the
beginning and duration of an access.
GNT#[2:0]
O
3.3 V (5-V Tolerance)
PCI Bus Grant [2:0] from the SB710: indicates to the agent
that access to the bus has been granted.
GNT3#/GPIO72
O
3.3 V (5-V Tolerance) PCI Bus Grant 3 from SB710 / GPIO 72
GNT4#/GPIO73
I/O
3.3 V (5-V Tolerance) PCI Bus Grant 4 from SB710 / GPIO 73
INT[H:E]#/GPIO[36:33]
I/O
3.3 V (5-V Tolerance) PCI Interrupt [H:E] / GPIO [36:33]
IRDY#
I/O
3.3 V (5-V Tolerance)
Initiator Ready: indicates the initiating agent’s ability to
complete the current data phase of the transaction
LDRQ1#/GNT5#/
GPIO68
I/O
3.3 V (5-V Tolerance)
Encoded DMA/Bus Master Request 1 / PCI bus Grant 5
from SB710 /GPIO 68
LOCK#
I/OD
3.3 V (5-V Tolerance) PCI Bus Lock
PAR
I/O
3.3 V (5-V Tolerance) PCI Bus Parity
PCICLK[4:0]
O
3.3 V (5-V Tolerance) 33-MHz PCI clocks [4:0]
PCICLK5/GPIO41
O
3.3 V (5-V Tolerance) 33-MHz PCI clock 5 / LPC CLK 0
PCIRST#
O
3.3 V (5-V Tolerance)
Hardware Reset for PCI Slots
Assertion: (a) at power on, (b) sometime after
CPU_STP#’s assertion in S0, (c) after the system has
transitioned into S4/S5.
De-assertion: sometime after SB PWR_GOOD is asserted
during power on or during a transition from S4/S5 to S0.
PERR#
I/O
3.3 V (5-V Tolerance)
Parity Error: reports data parity errors during all PCI
transactions, except in a special cycle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com