Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

47C16 Datasheet(PDF) 19 Page - Microchip Technology

Part # 47C16
Description  4K/16K I2C Serial EERAM
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

47C16 Datasheet(HTML) 19 Page - Microchip Technology

Back Button 47C16 Datasheet HTML 15Page - Microchip Technology 47C16 Datasheet HTML 16Page - Microchip Technology 47C16 Datasheet HTML 17Page - Microchip Technology 47C16 Datasheet HTML 18Page - Microchip Technology 47C16 Datasheet HTML 19Page - Microchip Technology 47C16 Datasheet HTML 20Page - Microchip Technology 47C16 Datasheet HTML 21Page - Microchip Technology 47C16 Datasheet HTML 22Page - Microchip Technology 47C16 Datasheet HTML 23Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 40 page
background image
 2015-2016 Microchip Technology Inc.
DS20005371C-page 19
47L04/47C04/47L16/47C16
2.5
STORE/RECALL OPERATIONS
In order to provide nonvolatile storage of the SRAM
data, an EEPROM array is included on the 47XXX.
The EEPROM array is not directly accessible to the
user. Instead, data is written to and read from the
EEPROM array using the various Store and Recall
operations, respectively.
To provide design flexibility for the user, the 47XXX
can automatically perform Store and Recall operations
on power-down and power-up, respectively, and also
offers Software commands and a Hardware Store pin
for manual control.
Refer to Section 2.4.2 “Command Register” for
details of the Software Store and Software Recall
commands.
2.5.1
AUTO-STORE
To simplify device usage, the 47XXX features an
Auto-Store mechanism. To enable this feature, the user
must place a capacitor on the VCAP pin and ensure the
ASE
bit in the STATUS register is set to ‘1’. The
capacitor is charged through the VCC pin. When the
47XXX detects a power-down event, the device
automatically switches to the capacitor for power and
initiates the Auto-Store operation.
The Auto-Store is initiated when VCAP falls below
VTRIP. Even if power is restored, the 47XXX cannot be
accessed for TSTORE time after the Auto-Store is initi-
ated.
To avoid extraneous Store operations, the Auto-Store
will only be initiated if the AM bit in the STATUS register
is set to a ‘1’, indicating the SRAM array has been
modified since the last Store or Recall operation.
The AM bit in the STATUS register is cleared at the
completion of the Auto-Store operation.
2.5.2
HARDWARE STORE
The HS pin provides a method for manually initiating a
Store operation through an external trigger. Driving the
HS pin high for a minimum of THSPW time will initiate a
Hardware Store operation if the AM bit in the STATUS
register is a ‘1’.
Driving the HS pin high will also automatically initiate a
STATUS register write cycle to write the EVENT bit to
a ‘1’, regardless of the state of the AM bit.
If the AM bit is a ‘1’, the Hardware Store is initiated on
the rising edge of the HS pin, and then the 47XXX
cannot be accessed for (TSTORE + TWC) time. If the AM
bit is a ‘0’, only the EVENT bit write is initiated on the
rising edge of the HS pin, and then the 47XXX cannot
be accessed for TWC time while the STATUS register
is written.
The AM bit in the STATUS register is cleared at the
completion of the Hardware Store operation.
2.5.3
AUTO-RECALL
The 47XXX features an Auto-Recall mechanism that is
performed on power-up, regardless of the state of the
ASE
bit. This feature ensures that the SRAM data
duplicates the EEPROM data on power-up. The
Auto-Recall is only initiated the first time VCAP rises
above VTRIP after a POR event, and the 47XXX can-
not be accessed for TRECALL time after the Auto-Recall
is initiated.
The AM bit in the STATUS register is cleared at the
completion of the Auto-Recall operation.
Note:
Once a Store operation is initiated, it
cannot be aborted.
Note 1:
The HS pin is ignored during Store and
Recall operations, or if VCAP is below
VTRIP.
2:
The HS pin is triggered on the rising
edge. If the HS pin remains high after the
Hardware Store and STATUS register
write are complete, the device can still be
accessed normally just as if the HS pin
were low. Initiating a subsequent Hard-
ware Store operation requires toggling
HS low then high again.
Note 1:
If power is lost during an Auto-Recall
operation, the Auto-Recall is aborted and
the Auto-Store is not performed.
2:
Auto-Recall is only performed the first
time VCAP rises above VTRIP after a POR
event. However, SRAM data will be
retained as long as Vcc remains above
VPOR.
TABLE 2-7:
STORE ENABLE TRUTH TABLE
ASE Bit
AM Bit
Auto-Store
Enabled
Hardware Store
Enabled
Software Store
Enabled
Auto-Recall
Enabled
Software Recall
Enabled
x
0
No
No
Yes
Yes
Yes
01
No
Yes
Yes
Yes
Yes
11
Yes
Yes
Yes
Yes
Yes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com