Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

47C16 Datasheet(PDF) 5 Page - Microchip Technology

Part # 47C16
Description  4K/16K I2C Serial EERAM
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

47C16 Datasheet(HTML) 5 Page - Microchip Technology

  47C16 Datasheet HTML 1Page - Microchip Technology 47C16 Datasheet HTML 2Page - Microchip Technology 47C16 Datasheet HTML 3Page - Microchip Technology 47C16 Datasheet HTML 4Page - Microchip Technology 47C16 Datasheet HTML 5Page - Microchip Technology 47C16 Datasheet HTML 6Page - Microchip Technology 47C16 Datasheet HTML 7Page - Microchip Technology 47C16 Datasheet HTML 8Page - Microchip Technology 47C16 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 40 page
background image
 2015-2016 Microchip Technology Inc.
DS20005371C-page 5
47L04/47C04/47L16/47C16
TABLE 1-2:
AC CHARACTERISTICS
AC CHARACTERISTICS
47LXX:
VCC = 2.7V to 3.6V
47CXX:
VCC = 4.5V to 5.5V
Industrial (I):
TAMB = -40°C to +85°C
Automotive (E):
TAMB = -40°C to +125°C
Param.
No.
Symbol
Characteristic
Min.
Max.
Units
Conditions
1FCLK
Clock Frequency
—
1000
kHz
2THIGH
Clock High Time
500
—
ns
3TLOW
Clock Low Time
500
—
ns
4TR
SDA and SCL Input Rise
Time
—
300
ns
Note 1
5TF
SDA and SCL Input Fall
Time
—
300
ns
Note 1
6THD:STA
Start Condition Hold Time
250
—
ns
7TSU:STA
Start Condition Setup
Time
250
—
ns
8THD:DAT
Data Input Hold Time
0
—
ns
9TSU:DAT
Data Input Setup Time
100
—
ns
10
TSU:STO
Stop Condition Setup
Time
250
—
ns
11
TAA
Output Valid from Clock
—
400
ns
12
TBUF
Bus Free Time: Bus time
must be free before a new
transmission can start
500
—
ns
13
TSP
Input Filter Spike
Suppression (SDA, SCL
and HS pins)
—50
ns
Note 1
14
THSPW
Hardware Store Pulse
Width
150
—
ns
15
TRECALL
Recall Operation Duration
—
5
ms
47X16
—2
ms
47X04
16
TSTORE
Store Operation Duration
—
25
ms
47X16
—8
ms
47X04
17
TWC
STATUS Register Write
Cycle Time
—1
ms
18
TVRISE
VCC Rise Rate
70
—
µs/V
Note 1
19
TvFALL
VCC Fall Rate
70
—
µs/V
Note 1
20
EEPROM Endurance
1,000,000
—
Store
cycles
+25°C, VCC = 5.5V
(Notes 1 and 2)
Note 1:
This parameter is not tested but ensured by characterization.
2:
For endurance estimates in a specific application, please consult the Total Endurance Model which can
be obtained on Microchip’s website at www.microchip.com.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com