Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

47C16 Datasheet(PDF) 11 Page - Microchip Technology

Part # 47C16
Description  4K/16K I2C Serial EERAM
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

47C16 Datasheet(HTML) 11 Page - Microchip Technology

Back Button 47C16 Datasheet HTML 7Page - Microchip Technology 47C16 Datasheet HTML 8Page - Microchip Technology 47C16 Datasheet HTML 9Page - Microchip Technology 47C16 Datasheet HTML 10Page - Microchip Technology 47C16 Datasheet HTML 11Page - Microchip Technology 47C16 Datasheet HTML 12Page - Microchip Technology 47C16 Datasheet HTML 13Page - Microchip Technology 47C16 Datasheet HTML 14Page - Microchip Technology 47C16 Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 40 page
background image
 2015-2016 Microchip Technology Inc.
DS20005371C-page 11
47L04/47C04/47L16/47C16
2.3
SRAM Array
The SRAM array is the only directly-accessible
memory on the 47XXX. The EEPROM array provides
nonvolatile storage to back up the SRAM data.
To select the SRAM array, the master device must use
the respective 4-bit op code ‘1010’ when transmitting
the control byte.
2.3.1
WRITE OPERATION
When the SRAM array is selected and the R/W bit in
the control byte is set to ‘0’, a write operation is
selected and the next two bytes received are
interpreted as the array address. The Most Significant
address bits are transferred first, followed by the less
significant bits, and are shifted directly into the internal
Address Pointer. The Address Pointer determines
where in the SRAM array the next read or write
operation begins.
Data bytes are stored into the SRAM array as soon as
each byte is received, specifically on the rising edge of
SCL during each Acknowledge bit. If a write operation
is aborted for any reason, all received data will already
be stored in SRAM, except for the last data byte if the
rising edge of SCL during the Acknowledge for that
byte has not yet been reached.
2.3.1.1
Byte Write
After the 47XXX has received the 2-byte array
address, responding with an Acknowledge after each
address byte, the master device will transmit the data
byte to be written into the addressed memory location.
The 47XXX acknowledges again, and the master
generates a Stop condition (Figure 2-4). The data byte
is latched into the SRAM array on the rising edge of
SCL during the Acknowledge.
After a byte Write command, the internal Address
Pointer will point to the address location following the
location that was just written.
2.3.1.2
Sequential Write
To write multiple data bytes in a single operation, the
SRAM write control byte, array address, and the first
data byte are transmitted to the 47XXX in the same
way as for a byte write. However, instead of
generating a Stop condition, the master transmits
additional data bytes (Figure 2-5). Upon receipt of
each byte, the 47XXX responds with an Acknowledge:
during which the data is latched into the SRAM array
on the rising edge of SCL, and the Address Pointer is
incremented by one. Sequential write operations are
limited only by the size of the SRAM array, and if the
master should transmit enough bytes to reach the end
of the array, the Address Pointer will roll over to 0x000
and continue writing. There is no limit to the number of
bytes that can be written in a single command.
FIGURE 2-4:
SRAM BYTE WRITE
Note:
If an Auto-Store or Hardware Store is
triggered during an SRAM read or write
operation, the operation is aborted in
order to execute the Store.
Note:
If an attempt is made to write to a pro-
tected portion of the array, the device
will not respond with an Acknowledge
after the data byte is received, the cur-
rent operation will be terminated without
incrementing the Address Pointer, and
any data transmitted on the SDA line will
be ignored until a new operation is
begun with a Start condition.
Note:
If a sequential write crosses into a pro-
tected block, the device will not respond
with an Acknowledge after the data byte
is received, the current operation will be
terminated without incrementing the
Address Pointer, and any data transmit-
ted on the SDA line will be ignored until
a new operation is begun with a Start
condition.
Bus Activity
Master
SDA Line
Bus Activity
S
T
A
R
T
Control
Byte
Address
High Byte
Address
Low Byte
Data
S
T
O
P
A
C
K
A
C
K
A
C
K
A
C
K
S 101 0
0
A
2
A
1
P
0
X = Don’t Care
Y = Don’t Care for 47X04
Data Latched
into SRAM
XX X X X Y Y



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com