Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

47C16 Datasheet(PDF) 15 Page - Microchip Technology

Part # 47C16
Description  4K/16K I2C Serial EERAM
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

47C16 Datasheet(HTML) 15 Page - Microchip Technology

Back Button 47C16 Datasheet HTML 11Page - Microchip Technology 47C16 Datasheet HTML 12Page - Microchip Technology 47C16 Datasheet HTML 13Page - Microchip Technology 47C16 Datasheet HTML 14Page - Microchip Technology 47C16 Datasheet HTML 15Page - Microchip Technology 47C16 Datasheet HTML 16Page - Microchip Technology 47C16 Datasheet HTML 17Page - Microchip Technology 47C16 Datasheet HTML 18Page - Microchip Technology 47C16 Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 40 page
background image
 2015-2016 Microchip Technology Inc.
DS20005371C-page 15
47L04/47C04/47L16/47C16
2.4
Control Registers
To support device configuration features such as
software
write
protection,
as
well
as
software-controllable Store and Recall operations, the
47XXX features a set of Control registers that are
accessed using a different 4-bit op code than the op
code for the SRAM array (refer to Table 2-3 for op
code values).
Table 2-4 lists the available Control registers. The
STATUS register allows the user to configure the
47XXX. The COMMAND register is used to execute
special Software commands.
2.4.1
STATUS REGISTER
The STATUS register controls the software write
protection, enables/disables the Auto-Store function,
reports whether or not the array has been modified
since the last Store or Recall operation, and contains
the Hardware Store event flag.
There are several bits contained within the STATUS
register:
•The AM bit indicates whether or not the SRAM
array has been written to since the last Store or
Recall operation. When set to a ‘0’, the SRAM
array matches the data in the EEPROM array.
When set to a ‘1’, the SRAM array no longer
matches the EEPROM array. The AM bit is set
whenever a data byte is written to the SRAM, and
is cleared after a Store or Recall operation is
completed. The AM bit must be a ‘1’ to enable the
Auto-Store
and
Hardware
Store
functions.
However, the Software Store command is always
enabled. The AM bit is volatile and is read-only.
•The BP bits control the SRAM array software
write protection. Table 2-5 lists the address
ranges that can be protected for each device. The
BP
bits are nonvolatile.
•The ASE bit determines whether or not the
Auto-Store function is enabled. When set to a ‘1’,
the Auto-Store function is enabled and will exe-
cute automatically on power-down if the array has
been modified. When set to a ‘0’, the Auto-Store
function is disabled. The ASE bit is nonvolatile.
•The EVENT bit indicates whether or not an exter-
nal event has been detected on the HS pin. When
the HS pin is driven high, a STATUS register write
operation is automatically initiated following the
Hardware Store operation to set this bit to a ‘1’.
This bit can also be set and cleared through a
STATUS register Write command. The EVENT bit
is nonvolatile.
To store the nonvolatile bits in the STATUS register, a
write cycle occurs after a STATUS register write
operation, during which the 47XXX cannot be
accessed for TWC time after the Stop condition.
Note:
If an Auto-Store or Hardware Store is
triggered during a Control register read
or write operation, the operation is
aborted in order to execute the Store.
Note:
The COMMAND register is write-only.
TABLE 2-4:
CONTROL REGISTERS
Register Name
Address
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
STATUS
00h
AM
—
—
BP2
BP1
BP0
ASE
EVENT
COMMAND
55h
CMD7
CMD6
CMD5
CMD4
CMD3
CMD2
CMD1
CMD0
Note:
If a capacitor is not connected to the
VCAP pin, then the VCAP pin must be
connected to VCC and the Auto-Store
feature must be disabled by writing the
ASE
bit to a ‘0’ to prevent data corrup-
tion in the EEPROM array when power
is lost.
Note:
The HS pin is ignored when VCAP is
below VTRIP, and during Store and
Recall operations. In these cases, the
EVENT
bit will not be written.
Note:
During a STATUS register write cycle, an
Auto-Store or Hardware Store can still be
triggered, but the Store operation will not
execute until the STATUS register write
cycle is complete (Figure 2-13). In this
situation, the new value of the ASE bit will
be used to determine if the Auto-Store is
executed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com