Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

47C16 Datasheet(PDF) 26 Page - Microchip Technology

Part # 47C16
Description  4K/16K I2C Serial EERAM
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

47C16 Datasheet(HTML) 26 Page - Microchip Technology

Back Button 47C16 Datasheet HTML 22Page - Microchip Technology 47C16 Datasheet HTML 23Page - Microchip Technology 47C16 Datasheet HTML 24Page - Microchip Technology 47C16 Datasheet HTML 25Page - Microchip Technology 47C16 Datasheet HTML 26Page - Microchip Technology 47C16 Datasheet HTML 27Page - Microchip Technology 47C16 Datasheet HTML 28Page - Microchip Technology 47C16 Datasheet HTML 29Page - Microchip Technology 47C16 Datasheet HTML 30Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 40 page
background image
47L04/47C04/47L16/47C16
DS20005371C-page 26
 2015-2016 Microchip Technology Inc.
4.0
PACKAGING INFORMATION
4.1
Package Marking Information
Legend:
XX...X
Customer-specific information
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code
JEDEC® designator for Matte Tin (Sn)
*
This package is RoHS compliant. The JEDEC® designator (
)
can be found on the outer packaging for this package.
Note
:
In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line, thus limiting the number of available
characters for customer-specific information.
3
e
3
e
8-Lead PDIP (300 mil)
Example
8-Lead SOIC (3.90 mm)
Example
8-Lead TSSOP
Example
Part Number
1st Line Marking Codes
PDIP
SOIC
TSSOP
47L04
47L04
47L04
AAAQ
47C04
47C04
47C04
AAAR
47L16
47L16
47L16
AAAS
47C16
47C16
47C16
AAAT
47C04
P
017
1621
47L16
SN
1621
3
e
017
AAAT
1621
017
3
e



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com