Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

47C16 Datasheet(PDF) 24 Page - Microchip Technology

Part # 47C16
Description  4K/16K I2C Serial EERAM
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

47C16 Datasheet(HTML) 24 Page - Microchip Technology

Back Button 47C16 Datasheet HTML 20Page - Microchip Technology 47C16 Datasheet HTML 21Page - Microchip Technology 47C16 Datasheet HTML 22Page - Microchip Technology 47C16 Datasheet HTML 23Page - Microchip Technology 47C16 Datasheet HTML 24Page - Microchip Technology 47C16 Datasheet HTML 25Page - Microchip Technology 47C16 Datasheet HTML 26Page - Microchip Technology 47C16 Datasheet HTML 27Page - Microchip Technology 47C16 Datasheet HTML 28Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 40 page
background image
47L04/47C04/47L16/47C16
DS20005371C-page 24
 2015-2016 Microchip Technology Inc.
2.6
ACKNOWLEDGE POLLING
Since the device will not acknowledge during Store and
Recall operations, nor during the internal STATUS
register write cycles, checking for the Acknowledge
signal can be used to determine when those events are
complete. Once such
an
event
has started,
Acknowledge polling can be initiated immediately. This
involves the master sending a Start condition, followed
by the write control byte (R/W = 0) for either the SRAM
array or the Control registers. If the device is still busy,
then no Acknowledge will be returned. In this case,
then the Start condition and control byte must be
resent. If the Store or Recall is complete, then the
device will return an Acknowledge, and the master can
then proceed with the next Read or Write command.
See Figure 2-15 for flow diagram.
FIGURE 2-15:
ACKNOWLEDGE
POLLING FLOW
Send Start
Initiate
Store, Recall, or
STATUS Register Write Event
Send Control Byte
with R/W = 0
Did Device
Acknowledge
(ACK = 0)?
Next
Operation
NO
YES
Note:
Either the SRAM or Control register
control byte can be used for Acknowl-
edge Polling



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com