Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

47C16 Datasheet(PDF) 16 Page - Microchip Technology

Part # 47C16
Description  4K/16K I2C Serial EERAM
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

47C16 Datasheet(HTML) 16 Page - Microchip Technology

Back Button 47C16 Datasheet HTML 12Page - Microchip Technology 47C16 Datasheet HTML 13Page - Microchip Technology 47C16 Datasheet HTML 14Page - Microchip Technology 47C16 Datasheet HTML 15Page - Microchip Technology 47C16 Datasheet HTML 16Page - Microchip Technology 47C16 Datasheet HTML 17Page - Microchip Technology 47C16 Datasheet HTML 18Page - Microchip Technology 47C16 Datasheet HTML 19Page - Microchip Technology 47C16 Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 40 page
background image
47L04/47C04/47L16/47C16
DS20005371C-page 16
 2015-2016 Microchip Technology Inc.
TABLE 2-5:
PROTECTED ARRAY ADDRESS LOCATIONS
Protected
Range
BP2
BP1
BP0
47X04
47X16
None
00
0
——
Upper 1/64
00
1
1F8h-1FFh
7E0h-7FFh
Upper 1/32
01
0
1F0h-1FFh
7C0h-7FFh
Upper 1/16
01
1
1E0h-1FFh
780h-7FFh
Upper 1/8
10
0
1C0h-1FFh
700h-7FFh
Upper 1/4
10
1
180h-1FFh
600h-7FFh
Upper 1/2
11
0
100h-1FFh
400h-7FFh
All Blocks
11
1
000h-1FFh
000h-7FFh
REGISTER 2-1:
STATUS REGISTER
R-0
U-0
U-0
R/W
R/W
R/W
R/W
R/W
AM
—
—
BP2
BP1
BP0
ASE
EVENT
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7
AM:
Array Modified bit
1
= SRAM array has been modified
0
= SRAM array has not been modified
bit 6-5
Unimplemented:
Read as ‘0’
bit 4-2
BP<2:0>:
Block Protect bits
000
= Entire array is unprotected
001
= Upper 1/64 of array is write-protected
010
= Upper 1/32 of array is write-protected
011
= Upper 1/16 of array is write-protected
100
= Upper 1/8 of array is write-protected
101
= Upper 1/4 of array is write-protected
110
= Upper 1/2 of array is write-protected
111
= Entire array is write-protected
bit 1
ASE:
Auto-Store Enable bit
1
= Auto-Store feature is enabled
0
= Auto-Store feature is disabled
bit 0
EVENT:
Event Detect bit
1
= An event was detected on the HS pin
0
= No event was detected on the HS pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com