Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

47C16 Datasheet(PDF) 37 Page - Microchip Technology

Part # 47C16
Description  4K/16K I2C Serial EERAM
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

47C16 Datasheet(HTML) 37 Page - Microchip Technology

Back Button 47C16 Datasheet HTML 32Page - Microchip Technology 47C16 Datasheet HTML 33Page - Microchip Technology 47C16 Datasheet HTML 34Page - Microchip Technology 47C16 Datasheet HTML 35Page - Microchip Technology 47C16 Datasheet HTML 36Page - Microchip Technology 47C16 Datasheet HTML 37Page - Microchip Technology 47C16 Datasheet HTML 38Page - Microchip Technology 47C16 Datasheet HTML 39Page - Microchip Technology 47C16 Datasheet HTML 40Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 37 / 40 page
background image
 2015-2016 Microchip Technology Inc.
DS20005371C-page 37
47L04/47C04/47L16/47C16
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office.
PART NO.
Device
Device:
47L04:
4 Kbit, 3V SRAM with EEPROM
backup
47C04:
4 Kbit, 5V SRAM with EEPROM
backup
47L16:
16 Kbit, 3V SRAM with EEPROM
backup
47C16:
16 Kbit, 5V SRAM with EEPROM
backup
Tape and Reel
Option:
Blank = Standard packaging (tube or tray)
T
= Tape & Reel
Temperature
Range:
I=
-40
C to +85C
E=
-40
C to +125C
Package:
P
= Plastic DIP (300 mil body), 8-lead
SN
= Plastic SOIC (3.90 mm body), 8-lead
ST
= Plastic TSSOP (4.4 mm), 8-lead
Examples:
a)
47L04-E/P:
4 Kbit Extended
Temperature, 3V, 8-LD PDIP package.
b)
47L04-E/SN: 4
Kbit
Extended
Temperature, 3V, 8-LD SOIC package.
c)
47L04-I/ST:
4
Kbit
Industrial
Temperature, 3V, 8-LD TSSOP package.
d)
47L04T-E/SN: Tape and Reel, 4 Kbit
Extended Temperature, 3V, 8-LD SOIC
package.
e)
47L04T-I/ST: Tape and Reel, 4 Kbit
Industrial Temperature, 3V, 8-LD TSSOP
package.
a)
47C04-E/P:
4 Kbit Extended
Temperature, 5V, 8-LD PDIP package.
b)
47C04-E/SN: 4
Kbit
Extended
Temperature, 5V, 8-LD SOIC package.
c)
47C04-I/ST:
4
Kbit
Industrial
Temperature, 5V, 8-LD TSSOP package.
d)
47C04T-E/SN: Tape and Reel, 4 Kbit
Extended Temperature, 5V, 8-LD SOIC
package.
e)
47C04T-I/ST: Tape and Reel, 4 Kbit
Industrial Temperature, 5V, 8-LD TSSOP
package.
a)
47L16-E/P:
16 Kbit Extended
Temperature, 3V 8-LD PDIP package.
b)
47L16-E/SN: 16
Kbit
Extended
Temperature, 3V 8-LD SOIC package.
c)
47L16-I/ST:
16
Kbit
Industrial
Temperature, 3V 8-LD TSSOP package.
d)
47L16T-E/SN: Tape and Reel, 16 Kbit
Extended Temperature, 3V 8-LD SOIC
package.
e)
47L16T-I/ST: Tape and Reel, 16 Kbit
Industrial Temperature, 3V 8-LD TSSOP
package.
a)
47C16-E/P:
16 Kbit Extended
Temperature, 5V, 8-LD PDIP package.
b)
47C16-E/SN: 16
Kbit
Extended
Temperature, 5V, 8-LD SOIC package.
c)
47C16-I/ST:
16
Kbit
Industrial
Temperature, 5V, 8-LD TSSOP package.
d)
47C16T-E/SN: Tape and Reel, 16 Kbit
Extended Temperature, 5V, 8-LD SOIC
package.
e)
47C16T-I/ST: Tape and Reel, 16 Kbit
Industrial Temperature, 5V, 8-LD TSSOP
package.
/XX
Package
Temp.
Range
X
Tape & Reel
[X](1)
Option
Note 1:
Tape and Reel identifier only
appears in the catalog part number
description. This identifier is used
for ordering purposes and is not
printed on the device package.
Check with your Microchip Sales
Office for package availability with
the Tape and Reel option.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com