Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDP83TG720SWCSTQ1 Datasheet(PDF) 38 Page - Texas Instruments

Part # PDP83TG720SWCSTQ1
Description  DP83TG720S-Q1 1000BASE-T1 Automotive Ethernet PHY
PDF  199 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PDP83TG720SWCSTQ1 Datasheet(HTML) 38 Page - Texas Instruments

Back Button PDP83TG720SWCSTQ1 Datasheet HTML 34Page - Texas Instruments PDP83TG720SWCSTQ1 Datasheet HTML 35Page - Texas Instruments PDP83TG720SWCSTQ1 Datasheet HTML 36Page - Texas Instruments PDP83TG720SWCSTQ1 Datasheet HTML 37Page - Texas Instruments PDP83TG720SWCSTQ1 Datasheet HTML 38Page - Texas Instruments PDP83TG720SWCSTQ1 Datasheet HTML 39Page - Texas Instruments PDP83TG720SWCSTQ1 Datasheet HTML 40Page - Texas Instruments PDP83TG720SWCSTQ1 Datasheet HTML 41Page - Texas Instruments PDP83TG720SWCSTQ1 Datasheet HTML 42Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 199 page
background image
accomplish this goal, the control signals are multiplexed. Both rising and falling edges of the clock are used to
sample the control signal pin on transmit and receive paths. For 1-Gbps operation, RX_CLK and TX_CLK
operate at 125 MHz.
The RGMII signals are summarized in Table 7-8:
Table 7-8. RGMII Signals
FUNCTION
PINS
Data Signals
TX_D[3:0]
RX_D[3:0]
Control Signals
TX_CTRL
RX_CTRL
Clock Signals
TX_CLK
RX_CLK
PHY
MAC
TX_CLK
TX_CTRL
TX_D[3:0]
RX_CLK
RX_CTRL
RX_D[3:0]
25-MHz Crystal or
CMOS-level
Oscillator
Figure 7-14. RGMII Connections
DP83TG720S-Q1
SNLS604 – SEPTEMBER 2020
www.ti.com
38
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com