Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDP83TG720SWCSTQ1 Datasheet(PDF) 12 Page - Texas Instruments

Part # PDP83TG720SWCSTQ1
Description  DP83TG720S-Q1 1000BASE-T1 Automotive Ethernet PHY
PDF  199 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PDP83TG720SWCSTQ1 Datasheet(HTML) 12 Page - Texas Instruments

Back Button PDP83TG720SWCSTQ1 Datasheet HTML 8Page - Texas Instruments PDP83TG720SWCSTQ1 Datasheet HTML 9Page - Texas Instruments PDP83TG720SWCSTQ1 Datasheet HTML 10Page - Texas Instruments PDP83TG720SWCSTQ1 Datasheet HTML 11Page - Texas Instruments PDP83TG720SWCSTQ1 Datasheet HTML 12Page - Texas Instruments PDP83TG720SWCSTQ1 Datasheet HTML 13Page - Texas Instruments PDP83TG720SWCSTQ1 Datasheet HTML 14Page - Texas Instruments PDP83TG720SWCSTQ1 Datasheet HTML 15Page - Texas Instruments PDP83TG720SWCSTQ1 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 199 page
background image
Over operating free-air temperature range (unless otherwise noted)(1)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
RIN-DIFF
Integrated Differential Input Termination
TX_P, TX_M
100
Ω
BOOTSTRAP DC CHARACTERISTICS
Vbsl_1v8 Bootstrap Threshold
Mode 1, VDDIO = 1.8V ± 10%, 2-level
0
0.35*VD
DIO
V
Vbsh_1v
8
Bootstrap Threshold
Mode 2, VDDIO = 1.8V ± 10%, 2-level
0.65*VD
DIO
VDDIO
V
Vbsl_2v5 Bootstrap Threshold
Mode 1, VDDIO = 2.5V ± 10%, 2-level
0
0.7
V
Vbsh_2v
5
Bootstrap Threshold
Mode 2, VDDIO = 2.5V ± 10%, 2-level
1.7
VDDIO
V
Vbsl_3v3 Bootstrap Threshold
Mode 1, VDDIO = 3.3V ± 10%, 2-level
0
0.7
V
Vbsh_3v
3
Bootstrap Threshold
Mode 2, VDDIO = 3.3V ± 10%, 2-level
2
VDDIO
V
Vbs1_1V8 Bootstrap Threshold
Mode 1, VDDIO = 1.8V ± 10%, 3-level
0
0.35 *
VDDIO
V
Vbs2_1V8 Bootstrap Threshold
Mode 2, VDDIO = 1.8V ± 10%, 3-level
0.40 *
VDDIO
0.75 *
VDDIO
V
Vbs3_1V8 Bootstrap Threshold
Mode 3, VDDIO = 1.8V ± 10%, 3-level
0.84 *
VDDIO
VDDIO
V
Vbs1_2V5 Bootstrap Threshold
Mode 1, VDDIO = 2.5V ± 10%, 3-level
0
0.25 *
VDDIO
V
Vbs2_2V5 Bootstrap Threshold
Mode 2, VDDIO = 2.5V ± 10%, 3-level
0.29 *
VDDIO
0.56 *
VDDIO
V
Vbs3_2V5 Bootstrap Threshold
Mode 3, VDDIO = 2.5V ± 10%, 3-level
0.65 *
VDDIO
VDDIO
V
Vbs1_3V3 Bootstrap Threshold
Mode 1, VDDIO = 3.3V ± 10%, 3-level
0
0.18 *
VDDIO
V
Vbs2_3V3 Bootstrap Threshold
Mode 2, VDDIO = 3.3V ± 10%, 3-level
0.22 *
VDDIO
0.42 *
VDDIO
V
Vbs3_3V3 Bootstrap Threshold
Mode 3, VDDIO = 3.3V ± 10%, 3-level
0.46 *
VDDIO
VDDIO
V
Temperature Sensor
Temperature Sensor Resolution (LSB)
-40
℃ to 125℃
1.5
℃
Temperature Sensor Accuracy ( Voltage
and Temperature Variation on single part)
-40
℃ to 125℃
7.5
℃
Temperature Sensor Accuracy ( Voltage,
Temperature and Part-to-Part variation)
-40
℃ to 125℃
-21.5
20
℃
Temperature Sensor Range
-40
140
℃
Voltage Sensor
VDDA3P3 Sensor Range
2.66
3.3
3.96
V
VDDA3P3 Sensor Resolution (LSB)
-40
℃ to 125℃
8.6
mV
VDDA3P3 Sensor Accuracy ( Voltage and
Temperature Variation)
-40
℃ to 125℃
8.6
mV
VDDA3P3 Sensor Accuracy Part-to-Part
-40
℃ to 125℃
-68.8
68.8
mV
VDD1P0 Sensor Range
0.8
1.2
V
VDD1P0 Sensor Resolution (LSB)
-40
℃ to 125℃
2.8
mV
VDD1P0 Sensor Accuracy ( Voltage and
Temperature Variation)
-40
℃ to 125℃
2.8
mV
VDD1P0 Sensor Accuracy Part-to-Part
-40
℃ to 125℃
-22.4
22.4
mV
VDDIO Sensor Range
1.44
3.8
V
VDDIO Sensor Resolution (LSB)
-40
℃ to 125℃
15.4
mV
DP83TG720S-Q1
SNLS604 – SEPTEMBER 2020
www.ti.com
12
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com