Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDP83TG720SWCSTQ1 Datasheet(PDF) 40 Page - Texas Instruments

Part # PDP83TG720SWCSTQ1
Description  DP83TG720S-Q1 1000BASE-T1 Automotive Ethernet PHY
PDF  199 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PDP83TG720SWCSTQ1 Datasheet(HTML) 40 Page - Texas Instruments

Back Button PDP83TG720SWCSTQ1 Datasheet HTML 36Page - Texas Instruments PDP83TG720SWCSTQ1 Datasheet HTML 37Page - Texas Instruments PDP83TG720SWCSTQ1 Datasheet HTML 38Page - Texas Instruments PDP83TG720SWCSTQ1 Datasheet HTML 39Page - Texas Instruments PDP83TG720SWCSTQ1 Datasheet HTML 40Page - Texas Instruments PDP83TG720SWCSTQ1 Datasheet HTML 41Page - Texas Instruments PDP83TG720SWCSTQ1 Datasheet HTML 42Page - Texas Instruments PDP83TG720SWCSTQ1 Datasheet HTML 43Page - Texas Instruments PDP83TG720SWCSTQ1 Datasheet HTML 44Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 199 page
background image
TP1
TP2
Trace characteristics:
Zo = 50Ÿ (±15%)
Max. length < 5inch
MAC RGMII TX
PHY RGMII TX
Figure 7-15. RGMII TX Requirements
RGMII-RX Requirements
• RGMII RX signals should be routed on board with control impedance of 50Ohm +/-15%.
• Max routing length should be limited to 5inch for better signal integrity performance.
• No damping resistors should be added at TP3/TP4, in Figure 7-16, as that will impact signal integrity of RX
signals.
• Figure 7-16 shows a RGMII interface requirements for RX* signals. MAC RGMII driver output impedance
should be 50Ohm+/-20%.
• Signal Integrity at TP3 and TP4, in Figure 7-16, should be verified with IBIS model simulation and ensured
conformance to following requirements:
– At TP4, signal should meet rise/fall time of 1ns (20-80%) of signal amplitude.
– Rise/fall time should be monotonic between VIH/VIL level at TP4.
TP3
TP4
Trace characteristics:
Zo = 50Ÿ (±15%)
Max. length < 5inch
PHY RGMII RX
MAC RGMII RX
Figure 7-16. RGMII RX Requirements
DP83TG720S-Q1
SNLS604 – SEPTEMBER 2020
www.ti.com
40
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com