Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDP83TG720SWCSTQ1 Datasheet(PDF) 57 Page - Texas Instruments

Part # PDP83TG720SWCSTQ1
Description  DP83TG720S-Q1 1000BASE-T1 Automotive Ethernet PHY
PDF  199 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PDP83TG720SWCSTQ1 Datasheet(HTML) 57 Page - Texas Instruments

Back Button PDP83TG720SWCSTQ1 Datasheet HTML 53Page - Texas Instruments PDP83TG720SWCSTQ1 Datasheet HTML 54Page - Texas Instruments PDP83TG720SWCSTQ1 Datasheet HTML 55Page - Texas Instruments PDP83TG720SWCSTQ1 Datasheet HTML 56Page - Texas Instruments PDP83TG720SWCSTQ1 Datasheet HTML 57Page - Texas Instruments PDP83TG720SWCSTQ1 Datasheet HTML 58Page - Texas Instruments PDP83TG720SWCSTQ1 Datasheet HTML 59Page - Texas Instruments PDP83TG720SWCSTQ1 Datasheet HTML 60Page - Texas Instruments PDP83TG720SWCSTQ1 Datasheet HTML 61Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 199 page
background image
7.6.2.2 BMSR Register (Address = 0x1) [reset = 0x141]
BMSR is shown in Table 7-25.
Return to the Summary Table.
Table 7-25. BMSR Register Field Descriptions
Bit
Field
Type
Reset
Description
15
ieee_100baset4
R
1b0
1 = PHY able to perform 100BASE-T4 0 = PHY not able to perform
100BASE-T4
1b0 = PHY not able to perform 100BASE-T4
1b1 = PHY able to perform 100BASE-T4
14
ieee_100basex_fd
R
1b0
1 = PHY able to perform full duplex 100BASE-X 0 = PHY not able to
perform full duplex 100BASE-X
1b0 = PHY not able to perform full duplex 100BASE-X
1b1 = PHY able to perform full duplex 100BASE-X
13
ieee_100basex_hd
R
1b0
1 = PHY able to perform half duplex 100BASE-X 0 = PHY not able to
perform half duplex 100BASE-X
1b0 = PHY not able to perform half duplex 100BASE-X
1b1 = PHY able to perform half duplex 100BASE-X
12
ieee_10mb_fd
R
1b0
1 = PHY able to operate at 10 Mb/s in full duplex mode 0 = PHY not
able to operate at 10 Mb/s in full duplex mode
1b0 = PHY not able to operate at 10 Mb/s in full duplex mode
1b1 = PHY able to operate at 10 Mb/s in full duplex mode
11
ieee_10mb_hd
R
1b0
1 = PHY able to operate at 10 Mb/s in half duplex mode 0 = PHY not
able to operate at 10 Mb/s in half duplex mode
1b0 = PHY not able to operate at 10 Mb/s in half duplex mode
1b1 = PHY able to operate at 10 Mb/s in half duplex mode
10
ieee_100baset2_fd
R
1b0
1 = PHY able to perform full duplex 100BASE-T2 0 = PHY not able
to perform full duplex 100BASE-T2
1b0 = PHY not able to perform full duplex 100BASE-T2
1b1 = PHY able to perform full duplex 100BASE-T2
9
ieee_100baset2_hd
R
1b0
1 = PHY able to perform half duplex 100BASE-T2 0 = PHY not able
to perform half duplex 100BASE-T2
1b0 = PHY not able to perform half duplex 100BASE-T2
1b1 = PHY able to perform half duplex 100BASE-T2
8
extended_status
R
1b1
Extended staus in register 0xf
1b0 = No extended status information in Register 15
1b1 = Extended status information in Register 15
7
unidirectional_ability
R
1b0
Reserved
6
preamble_supression
R
1b1
MF preamble supression
1b0 = PHY will not accept management frames with preamble
suppressed
1b1 = PHY will accept management frames with preamble
suppressed.
5
aneg_complete
R
1b0
Reserved
www.ti.com
DP83TG720S-Q1
SNLS604 – SEPTEMBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
57



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com