Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDP83TG720SWCSTQ1 Datasheet(PDF) 5 Page - Texas Instruments

Part # PDP83TG720SWCSTQ1
Description  DP83TG720S-Q1 1000BASE-T1 Automotive Ethernet PHY
PDF  199 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PDP83TG720SWCSTQ1 Datasheet(HTML) 5 Page - Texas Instruments

  PDP83TG720SWCSTQ1 Datasheet HTML 1Page - Texas Instruments PDP83TG720SWCSTQ1 Datasheet HTML 2Page - Texas Instruments PDP83TG720SWCSTQ1 Datasheet HTML 3Page - Texas Instruments PDP83TG720SWCSTQ1 Datasheet HTML 4Page - Texas Instruments PDP83TG720SWCSTQ1 Datasheet HTML 5Page - Texas Instruments PDP83TG720SWCSTQ1 Datasheet HTML 6Page - Texas Instruments PDP83TG720SWCSTQ1 Datasheet HTML 7Page - Texas Instruments PDP83TG720SWCSTQ1 Datasheet HTML 8Page - Texas Instruments PDP83TG720SWCSTQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 199 page
background image
PIN
STATE(1)
DESCRIPTION
NAME
NO.
XO
4
O
Reference Clock Output: XO pin is used for crystal only. This pin should be left floating when a CMOS-level
oscillator is connected to XI.
LED/GPIO INTERFACE
LED_0 /
GPIO_0
35
S, PD, IO
LED_0: Link Status
LED_1 /
GPIO_1
6
S, PD, IO
LED_1: Link Status and BLINK for TX/RX Activity
CLKOUT /
GPIO_2
16
IO
Clock Output: 25-MHz reference clock(buffered replication of XI) by default. Can be configured to output different
clock sources.
MEDIUM DEPENDENT INTERFACE
TRD_M
13
IO
Differential Transmit and Receive: Bidirectional differential signaling configured for 1000BASE-T1 operation,
IEEE 802.3bp compliant.
TRD_P
12
POWER AND GROUND CONNECTIONS
VDDA3P3
11
SUPPLY
Core Supply: 3.3 V. Refer to power supply recommendations for decoupling network.
VDDIO
22, 34
SUPPLY
IO Supply: 1.8 V, 2.5 V, or 3.3 V. Refer to power supply recommendations for decoupling network.
VDD1P0
9, 21
SUPPLY
Core Supply: 1.0 V. Refer to power supply recommendations for decoupling network.
VSLEEP
7
SUPPLY
Sleep Supply: 3.3 V. Refer to power supply recommendations for decoupling network.
This pin shall be tied to VDDA3P3 if sleep functionality is not used.
GROUND
DAP
GROUND
Ground
DO NOT CONNECT
DNC
17, 18,
19, 20
DNC
DNC: Do Not Connect (floating)
(1)
Type: I = Input
O = Output
IO = Input/Output
OD = Open Drain
PD = Internal Pulldown
PU = Internal Pullup
S = Strap: Configuration pin (all configuration pins have weak internal pullups or pulldowns)
www.ti.com
DP83TG720S-Q1
SNLS604 – SEPTEMBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com