Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDP83TG720SWCSTQ1 Datasheet(PDF) 70 Page - Texas Instruments

Part # PDP83TG720SWCSTQ1
Description  DP83TG720S-Q1 1000BASE-T1 Automotive Ethernet PHY
PDF  199 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PDP83TG720SWCSTQ1 Datasheet(HTML) 70 Page - Texas Instruments

Back Button PDP83TG720SWCSTQ1 Datasheet HTML 66Page - Texas Instruments PDP83TG720SWCSTQ1 Datasheet HTML 67Page - Texas Instruments PDP83TG720SWCSTQ1 Datasheet HTML 68Page - Texas Instruments PDP83TG720SWCSTQ1 Datasheet HTML 69Page - Texas Instruments PDP83TG720SWCSTQ1 Datasheet HTML 70Page - Texas Instruments PDP83TG720SWCSTQ1 Datasheet HTML 71Page - Texas Instruments PDP83TG720SWCSTQ1 Datasheet HTML 72Page - Texas Instruments PDP83TG720SWCSTQ1 Datasheet HTML 73Page - Texas Instruments PDP83TG720SWCSTQ1 Datasheet HTML 74Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 199 page
background image
7.6.2.14 MII_REG_1F Register (Address = 0x1F) [reset = 0x0]
MII_REG_1F is shown in Table 7-37.
Return to the Summary Table.
Table 7-37. MII_REG_1F Register Field Descriptions
Bit
Field
Type
Reset
Description
15
sw_global_reset
R/WMC
1b0
Hardware reset - Reset digital + register file
14
digital_reset
R/WMC
1b0
Soft reset - Reset only digital core
13
sor_debug_option
R/W
1b0
Use sw_global_reset as RESET pin source
12-8
tp_sel_1_9_5
R/W
5b00000
Test port select[9:5] - Select module
7
standby_mode
R/W
1b0
Reserved
6
standby_mode_ch_sel_B_
An
R/W
1b0
Reserved
5
RESERVED
R
1b0
Reserved
4-0
tp_sel_1_4_0
R/W
5b00000
Test port select[4:0] - Select signals within module
DP83TG720S-Q1
SNLS604 – SEPTEMBER 2020
www.ti.com
70
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com