Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDP83TG720SWCSTQ1 Datasheet(PDF) 10 Page - Texas Instruments

Part # PDP83TG720SWCSTQ1
Description  DP83TG720S-Q1 1000BASE-T1 Automotive Ethernet PHY
PDF  199 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PDP83TG720SWCSTQ1 Datasheet(HTML) 10 Page - Texas Instruments

Back Button PDP83TG720SWCSTQ1 Datasheet HTML 6Page - Texas Instruments PDP83TG720SWCSTQ1 Datasheet HTML 7Page - Texas Instruments PDP83TG720SWCSTQ1 Datasheet HTML 8Page - Texas Instruments PDP83TG720SWCSTQ1 Datasheet HTML 9Page - Texas Instruments PDP83TG720SWCSTQ1 Datasheet HTML 10Page - Texas Instruments PDP83TG720SWCSTQ1 Datasheet HTML 11Page - Texas Instruments PDP83TG720SWCSTQ1 Datasheet HTML 12Page - Texas Instruments PDP83TG720SWCSTQ1 Datasheet HTML 13Page - Texas Instruments PDP83TG720SWCSTQ1 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 199 page
background image
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
TA
Ambient temperature
–40
125
°C
6.4 Thermal Information
THERMAL METRIC(1)
DP83TG720
UNIT
RHA (VQFN)
36 PINS
RθJA
Junction-to-ambient thermal resistance
32.5
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
22.2
°C/W
RθJB
Junction-to-board thermal resistance
13.3
°C/W
ΨJT
Junction-to-top characterization parameter
0.3
°C/W
ΨJB
Junction-to-board characterization parameter
13.3
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
3.2
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
6.5 Electrical Characteristics
Over operating free-air temperature range (unless otherwise noted)(1)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DC CHARACTERISTICS
WAKE
pin
WAKE pin
WAKE pin
WAKE
pin
WAKE
pin
WAKE
pin
WAKE
pin
VIH
High-level Input Voltage
VSLEEP = 3.3V ± 10%
2
V
VIL
Low-level Input Voltage
VSLEEP = 3.3V ± 10%
0.8
V
INH pin
INH pin
INH pin
INH pin
INH pin
INH pin INH pin
VOH
High-level Output Voltage
IOH = -2mA, VSLEEP = 3.3V ± 10%
2.4
V
3.3V VDDIO (2)
VOH
High-level Output Voltage
IOH = -2mA, VDDIO = 3.3V ± 10%
2.4
V
VOL
Low-level Output Voltage
IOL = 2mA, VDDIO = 3.3V ± 10%
0.4
V
VIH
High-level Input Voltage
VDDIO = 3.3V ± 10%
2
V
VIL
Low-level Input Voltage
VDDIO = 3.3V ± 10%
0.8
V
2.5V VDDIO (2)
VOH
High-level Output Voltage
IOH = -2mA, VDDIO = 2.5V ± 10%
2
V
VOL
Low-level Output Voltage
IOL = 2mA, VDDIO = 2.5V ± 10%
0.4
V
VIH
High-level Input Voltage
VDDIO = 2.5V ± 10%
1.7
V
VIL
Low-level Input Voltage
VDDIO = 2.5V ± 10%
0.7
V
1.8V VDDIO (2)
VOH
High-level Output Voltage
IOH = -2mA, VDDIO = 1.8V ± 10%
VDDIO –
0.45
V
VOL
Low-level Output Voltage
IOL = 2mA, VDDIO = 1.8V ± 10%
0.45
V
VIH
High-level Input Voltage
VDDIO = 1.8V ± 10%
0.7 *
VDDIO
V
VIL
Low-level Input Voltage
VDDIO = 1.8V ± 10%
0.3 *
VDDIO
V
IIH
Input High Current (RGMII Input pin,
MDC, MDIO)
VIN = VCC, -40°C to 125°C
-60
60
µA
IIL
Input Low Current (RGMII Input pin,
MDC, MDIO)
VIN = GND, -40°C to 125°C
-60
60
µA
DP83TG720S-Q1
SNLS604 – SEPTEMBER 2020
www.ti.com
10
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com