Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDP83TG720SWCSTQ1 Datasheet(PDF) 1 Page - Texas Instruments

Part # PDP83TG720SWCSTQ1
Description  DP83TG720S-Q1 1000BASE-T1 Automotive Ethernet PHY
PDF  199 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PDP83TG720SWCSTQ1 Datasheet(HTML) 1 Page - Texas Instruments

  PDP83TG720SWCSTQ1 Datasheet HTML 1Page - Texas Instruments PDP83TG720SWCSTQ1 Datasheet HTML 2Page - Texas Instruments PDP83TG720SWCSTQ1 Datasheet HTML 3Page - Texas Instruments PDP83TG720SWCSTQ1 Datasheet HTML 4Page - Texas Instruments PDP83TG720SWCSTQ1 Datasheet HTML 5Page - Texas Instruments PDP83TG720SWCSTQ1 Datasheet HTML 6Page - Texas Instruments PDP83TG720SWCSTQ1 Datasheet HTML 7Page - Texas Instruments PDP83TG720SWCSTQ1 Datasheet HTML 8Page - Texas Instruments PDP83TG720SWCSTQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 199 page
background image
DP83TG720S-Q1 1000BASE-T1 Automotive Ethernet PHY
1 Features
• IEEE802.3bp-1000BASE-T1 and Open Alliance
(OA) compliant
– IEEE PMA compliance
– OA TC12 for interoperability and EMC
• EMC/EMI compliant
– SAE J9262-3 compliant
– OA TC12 immunity level-4 compliant over UTP
(unshielded twisted pair)
– OA TC12 emission compliant over UTP
• Integrated LPF on MDI pins
• Pin-to-pin compatible with TI's 100BASE-T1 PHY
– enables single board for 100BASE-T1 and
1000BASE-T1
• Power savings features:
– standby and sleep
– local and remote wake-up
• Diagnostic tool kit
– high accuracy temperature monitor
– voltage monitor
– ESD event monitor
– Data throughput calculator : inbuilt MAC packet
generator, counter and error checker
– link quality monitoring
– cable open and short fault detection
– loopback modes
• MAC Interfaces: RGMII and SGMII
• Supported I/O voltages: 3.3 V, 2.5 V, and 1.8 V
• 25MHz clock output source
• VQFN, wettable flank packaging
• AEC-Q100 Qualified
– Inbuilt ESD protection : IEC61000-4-2 ESD :
±8-kV contact discharge
– Device temperature grade 1: –40°C to +125°C
ambient operating temperature
2 Applications
• Telematics control unit (TCU, TBOX)
• Backbone network
• Gateway and body control
• ADAS: LIDAR, RADAR
3 Description
The DP83TG720S-Q1 device is an IEEE 802.3bp and
Open Alliance compliant automotive Ethernet physical
layer transceiver. It provides all physical layer
functions needed to transmit and receive data over
unshielded/shielded single twisted-pair cables. The
device provides xMII flexibility with support for RGMII
and SGMII MAC interfaces.
DP83TG720 is compliant to Open Alliance EMC and
interoperable specifications over unshieleded twisted
cable. DP83TG720 is pin-2-pin compatible to TI's
100Base-T1 PHY enabling design scability with single
board across for both speeds.This device offers the
Diagnostic Tool Kit, with an extensive list of real-time
monitoring tools, debug tools and test modes. Within
the tool kit is the first integrated electrostatic
discharge (ESD) monitoring tool. It is capable of
counting ESD events on both the xMII and MDI as
well as providing real-time monitoring through the use
of a programmable interrupt. Additionally, the
DP83TG720S-Q1 includes a data generation and
checker tool to generate customizable MAC packets
and check the errors on incoming packets.This
enables system level datapath tests/optimizations
without dependency on MAC.
Device Information (1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
DP83TG720S-Q1
VQFN (36)
6.00 mm × 6.00 mm
(1)
For all available packages, see the orderable addendum at
the end of the data sheet.
CPU/MPU
MAC
DP83TG720S-Q1
1000 Mbps
Ethernet PHY
25-MHz
Clock Source
Status
LEDs
RGMII
SGMII
Automotive
Connector
GND
CMC
CM
Termination
Figure 3-1. Simplified Schematic
www.ti.com
DP83TG720S-Q1
SNLS604 – SEPTEMBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
1
DP83TG720S-Q1
SNLS604 – SEPTEMBER 2020
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. ADVANCE INFORMATION for preproduction products; subject to change
without notice.


Similar Part No. - PDP83TG720SWCSTQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PDP83TC812SRHATQ1 TI-PDP83TC812SRHATQ1 Datasheet
3Mb / 150P
DP83TC812-Q1 TC-10 Compliant 100BASE-T1 Automotive Ethernet PHY
PDP83TC812SRHATQ1 TI-PDP83TC812SRHATQ1 Datasheet
5Mb / 196P
DP83TC812x-Q1 TC-10 Compliant 100BASE-T1 Automotive Ethernet PHY
DECEMBER 2021
PDP83TC815RHARQ1 TI2-PDP83TC815RHARQ1 Datasheet
1Mb / 13P
DP83TC815-Q1 100Base-T1 Automotive Ethernet PHY Transceiver with IEEE802.1AS and TC10 Sleep-Wake
JULY 2025
PDP83TC815RHARQ1 TI2-PDP83TC815RHARQ1 Datasheet
3Mb / 177P
DP83TC815-Q1 100Base-T1 Automotive Ethernet PHY Transceiver With IEEE802.1AS and TC10 Sleep-Wake
REVISED NOVEMBER 2025
PDP83TC817SRHATQ1 TI1-PDP83TC817SRHATQ1 Datasheet
1Mb / 13P
DP83TC817-Q1 Precise and Secure 100BASE-T1 Automotive Ethernet with TC10, IEEE802.1AS and IEEE802.1AE MACsec
APRIL 2024
More results

Similar Description - PDP83TG720SWCSTQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DP83TC811S-Q1 TI1-DP83TC811S-Q1 Datasheet
2Mb / 143P
Low Power Automotive PHY 100BASE-T1 Ethernet Physical Layer Transceiver
logo
NXP Semiconductors
TJA1100 NXP-TJA1100 Datasheet
525Kb / 55P
100BASE-T1 PHY for Automotive Ethernet
Rev. 3-23 May 2017
logo
Texas Instruments
DP83TG720R-Q1 TI-DP83TG720R-Q1 Datasheet
2Mb / 129P
DP83TG720R-Q1 1000BASE-T1 Automotive Ethernet PHY
DP83TC812S-Q1 TI-DP83TC812S-Q1 Datasheet
3Mb / 150P
DP83TC812-Q1 TC-10 Compliant 100BASE-T1 Automotive Ethernet PHY
logo
NXP Semiconductors
TJA1101B NXP-TJA1101B Datasheet
1Mb / 58P
100BASE-T1 PHY for automotive Ethernet
Rev. 1-1 March 2021
TJA1102A NXP-TJA1102A Datasheet
695Kb / 67P
100BASE-T1 dual/single PHY for automotive Ethernet
logo
Texas Instruments
DP83TC814S-Q1 TI-DP83TC814S-Q1 Datasheet
5Mb / 177P
DP83TC814x-Q1 100BASE-T1 Automotive Ethernet PHY
DECEMBER 2021
DP83TC812S-Q1 TI-DP83TC812S-Q1_V01 Datasheet
5Mb / 196P
DP83TC812x-Q1 TC-10 Compliant 100BASE-T1 Automotive Ethernet PHY
DECEMBER 2021
logo
NXP Semiconductors
TJA1102 NXP-TJA1102 Datasheet
220Kb / 19P
100BASE-T1 dual/single PHY for automotive Ethernet
Rev. 1 ??1 November 2017
logo
Texas Instruments
DP83TC813S-Q1 TI-DP83TC813S-Q1 Datasheet
5Mb / 195P
DP83TC813x-Q1 TC-10 Compliant Small Form Factor 100BASE-T1 Automotive Ethernet PHY
MAY 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com