Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADSP-21486KSWZ-2AB Datasheet(PDF) 28 Page - Analog Devices

Part # ADSP-21486KSWZ-2AB
Description  SHARC Processor
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-21486KSWZ-2AB Datasheet(HTML) 28 Page - Analog Devices

Back Button ADSP-21486KSWZ-2AB Datasheet HTML 24Page - Analog Devices ADSP-21486KSWZ-2AB Datasheet HTML 25Page - Analog Devices ADSP-21486KSWZ-2AB Datasheet HTML 26Page - Analog Devices ADSP-21486KSWZ-2AB Datasheet HTML 27Page - Analog Devices ADSP-21486KSWZ-2AB Datasheet HTML 28Page - Analog Devices ADSP-21486KSWZ-2AB Datasheet HTML 29Page - Analog Devices ADSP-21486KSWZ-2AB Datasheet HTML 30Page - Analog Devices ADSP-21486KSWZ-2AB Datasheet HTML 31Page - Analog Devices ADSP-21486KSWZ-2AB Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 71 page
background image
Rev. H
|
Page 28 of 71
|
February 2020
ADSP-21483/ADSP-21486/ADSP-21487/ADSP-21488/ADSP-21489
Timer PWM_OUT Cycle Timing
The following timing specification applies to timer0 and timer1
in PWM_OUT (pulse-width modulation) mode. Timer signals
are routed to the DPI_P14–1 pins through the DPI SRU. There-
fore, the timing specifications provided below are valid at the
DPI_P14–1 pins.
Timer WDTH_CAP Timing
The following timing specification applies to timer0 and timer1,
and in WDTH_CAP (pulse-width count and capture) mode.
Timer signals are routed to the DPI_P14–1 pins through the
SRU. Therefore, the timing specification provided below is valid
at the DPI_P14–1 pins.
Table 24. Timer PWM_OUT Timing
Parameter
Min
Max
Unit
Switching Characteristic
tPWMO
Timer Pulse Width Output
2 × tPCLK – 1.2
2 × (231 – 1) × tPCLK
ns
Figure 11. Timer PWM_OUT Timing
PWM
OUTPUTS
tPWMO
Table 25. Timer Width Capture Timing
Parameter
Min
Max
Unit
Timing Requirement
tPWI
Timer Pulse Width
2 × tPCLK
2 × (231 – 1) × tPCLK
ns
Figure 12. Timer Width Capture Timing
TIMER
CAPTURE
INPUTS
tPWI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com