Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADSP-21486KSWZ-2AB Datasheet(PDF) 45 Page - Analog Devices

Part # ADSP-21486KSWZ-2AB
Description  SHARC Processor
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-21486KSWZ-2AB Datasheet(HTML) 45 Page - Analog Devices

Back Button ADSP-21486KSWZ-2AB Datasheet HTML 41Page - Analog Devices ADSP-21486KSWZ-2AB Datasheet HTML 42Page - Analog Devices ADSP-21486KSWZ-2AB Datasheet HTML 43Page - Analog Devices ADSP-21486KSWZ-2AB Datasheet HTML 44Page - Analog Devices ADSP-21486KSWZ-2AB Datasheet HTML 45Page - Analog Devices ADSP-21486KSWZ-2AB Datasheet HTML 46Page - Analog Devices ADSP-21486KSWZ-2AB Datasheet HTML 47Page - Analog Devices ADSP-21486KSWZ-2AB Datasheet HTML 48Page - Analog Devices ADSP-21486KSWZ-2AB Datasheet HTML 49Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 71 page
background image
ADSP-21483/ADSP-21486/ADSP-21487/ADSP-21488/ADSP-21489
Rev. H
|
Page 45 of 71
|
February 2020
Pulse-Width Modulation Generators (PWM)
The following timing specifications apply when the
ADDR23–8/DPI_14–1 pins are configured as PWM.
S/PDIF Transmitter
Serial data input to the S/PDIF transmitter can be formatted as
left-justified, I2S, or right-justified with word widths of 16, 18,
20, or 24 bits. The following sections provide timing for the
transmitter.
S/PDIF Transmitter-Serial Input Waveforms
Figure 29 shows the right-justified mode. Frame sync is high for
the left channel and low for the right channel. Data is valid on
the rising edge of serial clock. The MSB is delayed the minimum
in 24-bit output mode or the maximum in 16-bit output mode
from a frame sync transition, so that when there are 64 serial
clock periods per frame sync period, the LSB of the data is right-
justified to the next frame sync transition.
Table 42. Pulse-Width Modulation (PWM) Timing
Parameter
Min
Max
Unit
Switching Characteristics
tPWMW
PWM Output Pulse Width
tPCLK – 2
(216 – 2) × tPCLK
ns
tPWMP
PWM Output Period
2 × tPCLK – 1.5
(216 – 1) × tPCLK
ns
Figure 28. PWM Timing
PWM
OUTPUTS
tPWMW
tPWMP
Table 43. S/PDIF Transmitter Right-Justified Mode
Parameter
Nominal
Unit
Timing Requirement
tRJD
Frame Sync to MSB Delay in Right-Justified Mode
16-Bit Word Mode
18-Bit Word Mode
20-Bit Word Mode
24-Bit Word Mode
16
14
12
8
SCLK
SCLK
SCLK
SCLK
Figure 29. Right-Justified Mode
MSB
LEFT/RIGHT CHANNEL
LSB
LSB
MSB–1 MSB–2
LSB+2
LSB+1
DAI_P20–1
FS
DAI_P20–1
SCLK
DAI_P20–1
SDATA
tRJD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com