Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADSP-21486KSWZ-2AB Datasheet(PDF) 67 Page - Analog Devices

Part # ADSP-21486KSWZ-2AB
Description  SHARC Processor
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-21486KSWZ-2AB Datasheet(HTML) 67 Page - Analog Devices

Back Button ADSP-21486KSWZ-2AB Datasheet HTML 63Page - Analog Devices ADSP-21486KSWZ-2AB Datasheet HTML 64Page - Analog Devices ADSP-21486KSWZ-2AB Datasheet HTML 65Page - Analog Devices ADSP-21486KSWZ-2AB Datasheet HTML 66Page - Analog Devices ADSP-21486KSWZ-2AB Datasheet HTML 67Page - Analog Devices ADSP-21486KSWZ-2AB Datasheet HTML 68Page - Analog Devices ADSP-21486KSWZ-2AB Datasheet HTML 69Page - Analog Devices ADSP-21486KSWZ-2AB Datasheet HTML 70Page - Analog Devices ADSP-21486KSWZ-2AB Datasheet HTML 71Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 67 / 71 page
background image
ADSP-21483/ADSP-21486/ADSP-21487/ADSP-21488/ADSP-21489
Rev. H
|
Page 67 of 71
|
February 2020
Figure 54. 100-Lead Low Profile Quad Flat Package, Exposed Pad [LQFP_EP]1
(SW-100-2)
Dimensions shown in millimeters
1 For information relating to the exposed pad on the SW-100-2 package, see the table endnote on Page 60.
Figure 55. 176-Lead Low Profile Quad Flat Package, Exposed Pad [LQFP_EP]1
(SW-176-2)
Dimensions shown in millimeters
1 For information relating to the exposed pad on the SW-176-2 package, see the table endnote on Page 62.
COMPLIANT TO JEDEC STANDARDS MS-026-BED-HD
TOP VIEW
(PINS DOWN)
BOTTOM VIEW
(PINS UP)
EXPOSED
PAD
1
1
25
25
26
26
50
50
76
76
100
100
75
75
51
51
0.27
0.22
0.17
0.50
BSC
LEAD PITCH
PIN 1
16.20
16.00 SQ
15.80
14.20
14.00 SQ
13.80
6.00 BSC
SQ
12.00 REF
FOR PROPER CONNECTION OF
THE EXPOSED PAD, REFER TO
“SURFACE-MOUNT DESIGN” IN
THIS DATA SHEET.
0.15
0.05
0.08
COPLANARITY
7°
0°
0.20
0.09
VIEW A
ROTATED 90° CCW
1.45
1.40
1.35
VIEW A
1.60
MAX
SEATING
PLANE
0.75
0.60
0.45
1.00 REF
COMPLIANT TO JEDEC STANDARDS MS-026-BGA-HD
0.15
0.10
0.05
0.08
COPLANARITY
0.20
0.15
0.09
1.45
1.40
1.35
7°
3.5°
0°
VIEW A
ROTATED 90° CCW
0.27
0.22
0.17
0.75
0.60
0.45
0.50
BSC
LEAD PITCH
24.10
24.00 SQ
23.90
26.20
26.00 SQ
25.80
TOP VIEW
(PINS DOWN)
BOTTOM VIEW
(PINS UP)
EXPOSED
PAD
1
44
1
44
45
89
88
45
88
132
89
132
176
133
176
133
PIN 1
1.60 MAX
1.00 REF
SEATING
PLANE
VIEW A
6.00 BSC
SQ
21.50 REF
FOR PROPER CONNECTION
OF THE EXPOSED PAD, REFER
TO “SURFACE-MOUNT DESIGN”
IN THIS DATA SHEET.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com