Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADSP-21486KSWZ-2AB Datasheet(PDF) 3 Page - Analog Devices

Part # ADSP-21486KSWZ-2AB
Description  SHARC Processor
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-21486KSWZ-2AB Datasheet(HTML) 3 Page - Analog Devices

  ADSP-21486KSWZ-2AB Datasheet HTML 1Page - Analog Devices ADSP-21486KSWZ-2AB Datasheet HTML 2Page - Analog Devices ADSP-21486KSWZ-2AB Datasheet HTML 3Page - Analog Devices ADSP-21486KSWZ-2AB Datasheet HTML 4Page - Analog Devices ADSP-21486KSWZ-2AB Datasheet HTML 5Page - Analog Devices ADSP-21486KSWZ-2AB Datasheet HTML 6Page - Analog Devices ADSP-21486KSWZ-2AB Datasheet HTML 7Page - Analog Devices ADSP-21486KSWZ-2AB Datasheet HTML 8Page - Analog Devices ADSP-21486KSWZ-2AB Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 71 page
background image
ADSP-21483/ADSP-21486/ADSP-21487/ADSP-21488/ADSP-21489
Rev. H
|
Page 3 of 71
|
February 2020
GENERAL DESCRIPTION
The ADSP-2148x SHARC® processors are members of the
SIMD SHARC family of DSPs that feature Analog Devices’
Super Harvard Architecture. The processors are source code
compatible with the ADSP-2126x, ADSP-2136x, ADSP-2137x,
ADSP-2146x, ADSP-2147x and ADSP-2116x DSPs, as well as
with first generation ADSP-2106x SHARC processors in SISD
(single-instruction, single-data) mode. The ADSP-2148x pro-
cessors are 32-bit/40-bit floating point processors optimized for
high performance audio applications with large on-chip SRAM,
multiple internal buses to eliminate I/O bottlenecks, and an
innovative digital applications interface (DAI).
Table 1 shows performance benchmarks for the ADSP-2148x
processors. Table 2 shows the features of the individual product
offerings.
Table 1. Processor Benchmarks
Benchmark Algorithm
Speed
(at 400 MHz)
Speed
(at 450 MHz)
1024 Point Complex FFT
(Radix 4, with Reversal)
23 μs
20.44 μs
FIR Filter (per Tap)1
1.25 ns
1.1 ns
IIR Filter (per Biquad)1
5 ns
4.43 ns
Matrix Multiply (Pipelined)
[3 × 3] × [3 × 1]
[4 × 4] × [4 × 1]
11.25 ns
20 ns
10.0 ns
17.78 ns
Divide (y/×)
7.5 ns
6.67 ns
Inverse Square Root
11.25 ns
10.0 ns
1 Assumes two files in multichannel SIMD mode
Table 2. ADSP-2148x Family Features
Feature
ADSP-21483
ADSP-21486
ADSP-21487
ADSP-21488
ADSP-21489
Maximum Instruction Rate
400 MHz
400 MHz
450 MHz
400 MHz
450 MHz
RAM
3 Mbits
5 Mbits
2/3 Mbits1
5 Mbits
ROM
4 Mbits
No
Audio Decoders in ROM2
Yes
No
Pulse-Width Modulation
4 Units (3 Units on 100-Lead Packages)
DTCP Hardware Accelerator
Contact Analog Devices
External Port Interface (SDRAM, AMI)3
Yes (16-bit)
AMI Only
Yes (16-bit)
Serial Ports
8
Direct DMA from SPORTs to
External Port (External Memory)
Yes
FIR, IIR, FFT Accelerator
Yes
Watchdog Timer
Yes (176-Lead Package Only)
MediaLB Interface
Automotive Models Only
IDP/PDAP
Yes
UART
1
DAI (SRU)/DPI (SRU2)
Yes
S/PDIF Transceiver
Yes
SPI
Yes
TWI
1
SRC Performance4
–128 dB
Thermal Diode
Yes
VISA Support
Yes
Package3
176-Lead LQFP EPAD
100-Lead LQFP EPAD
176-Lead LQFP EPAD
88-Lead LFCSP5
176-Lead LQFP EPAD
100-Lead LQFP EPAD
88-Lead LFCSP5
176-Lead LQFP EPAD
100-Lead LQFP EPAD5
88-Lead LFCSP5
1 See Ordering Guide on Page 70.
2 ROM is factory programmed with latest multichannel audio decoding and post-processing algorithms from Dolby® Labs and DTS®. Decoder/post-processor algorithm
combination support varies depending upon the chip version and the system configurations. Visit www.analog.com for complete information.
3 The 100-lead and 88-lead packages do not contain an external port. The SDRAM controller pins must be disabled when using this package. For more information, see Pin
Function Descriptions on Page 14. The ADSP-21486 processor in the 176-lead package also does not contain a SDRAM controller. For more information, see 176-Lead LQFP_EP
Lead Assignment on page 62.
4 Some models have –140 dB performance. For more information, see Ordering Guide on page 70.
5 Only available up to 400 MHz. See Ordering Guide on Page 70 for details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com