Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADSP-21486KSWZ-2AB Datasheet(PDF) 36 Page - Analog Devices

Part # ADSP-21486KSWZ-2AB
Description  SHARC Processor
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-21486KSWZ-2AB Datasheet(HTML) 36 Page - Analog Devices

Back Button ADSP-21486KSWZ-2AB Datasheet HTML 32Page - Analog Devices ADSP-21486KSWZ-2AB Datasheet HTML 33Page - Analog Devices ADSP-21486KSWZ-2AB Datasheet HTML 34Page - Analog Devices ADSP-21486KSWZ-2AB Datasheet HTML 35Page - Analog Devices ADSP-21486KSWZ-2AB Datasheet HTML 36Page - Analog Devices ADSP-21486KSWZ-2AB Datasheet HTML 37Page - Analog Devices ADSP-21486KSWZ-2AB Datasheet HTML 38Page - Analog Devices ADSP-21486KSWZ-2AB Datasheet HTML 39Page - Analog Devices ADSP-21486KSWZ-2AB Datasheet HTML 40Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 71 page
background image
Rev. H
|
Page 36 of 71
|
February 2020
ADSP-21483/ADSP-21486/ADSP-21487/ADSP-21488/ADSP-21489
Serial Ports
In slave transmitter mode and master receiver mode, the maxi-
mum serial port frequency is fPCLK/8. In master transmitter
mode and slave receiver mode, the maximum serial port clock
frequency is fPCLK/4. To determine whether communication is
possible between two devices at clock speed n, the following
specifications must be confirmed: 1) frame sync delay and frame
sync setup and hold; 2) data delay and data setup and hold; and
3) SCLK width.
Serial port signals (SCLK, frame sync, Data Channel A, Data
Channel B) are routed to the DAI_P20–1 pins using the SRU.
Therefore, the timing specifications provided below are valid at
the DAI_P20–1 pins.
Table 33. Serial Ports—External Clock
Parameter
Min
Max
Unit
Timing Requirements
tSFSE
1
Frame Sync Setup Before SCLK
(Externally Generated Frame Sync in either Transmit or Receive
Mode)
2.5
ns
tHFSE
1
Frame Sync Hold After SCLK
(Externally Generated Frame Sync in either Transmit or Receive
Mode)
2.5
ns
tSDRE
1
Receive Data Setup Before Receive SCLK
1.9
ns
tHDRE
1
Receive Data Hold After SCLK
2.5
ns
tSCLKW
SCLK Width
(tPCLK × 4) ÷ 2 – 1.5
ns
tSCLK
SCLK Period
tPCLK × 4
ns
Switching Characteristics
tDFSE
2
Frame Sync Delay After SCLK
(Internally Generated Frame Sync in either Transmit or Receive Mode)
10.25
ns
tHOFSE
2
Frame Sync Hold After SCLK
(Internally Generated Frame Sync in either Transmit or Receive Mode)
2
ns
tDDTE
2
Transmit Data Delay After Transmit SCLK
9
ns
tHDTE
2
Transmit Data Hold After Transmit SCLK
2
ns
1 Referenced to sample edge.
2 Referenced to drive edge.
Table 34. Serial Ports—Internal Clock
Parameter
Min
Max
Unit
Timing Requirements
tSFSI
1
Frame Sync Setup Before SCLK
(Externally Generated Frame Sync in either Transmit or Receive Mode)
7
ns
tHFSI
1
Frame Sync Hold After SCLK
(Externally Generated Frame Sync in either Transmit or Receive Mode)
2.5
ns
tSDRI
1
Receive Data Setup Before SCLK
7
ns
tHDRI
1
Receive Data Hold After SCLK
2.5
ns
Switching Characteristics
tDFSI
2
Frame Sync Delay After SCLK (Internally Generated Frame Sync in Transmit Mode)
4
ns
tHOFSI
2
Frame Sync Hold After SCLK (Internally Generated Frame Sync in Transmit Mode)
–1
ns
tDFSIR
2
Frame Sync Delay After SCLK (Internally Generated Frame Sync in Receive Mode)
9.75
ns
tHOFSIR
2
Frame Sync Hold After SCLK (Internally Generated Frame Sync in Receive Mode)
–1
ns
tDDTI
2
Transmit Data Delay After SCLK
3.25
ns
tHDTI
2
Transmit Data Hold After SCLK
–2
ns
tSCKLIW
Transmit or Receive SCLK Width
2 × tPCLK – 1.5
2 × tPCLK + 1.5 ns
1 Referenced to the sample edge.
2 Referenced to drive edge.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com