Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADSP-21486KSWZ-2AB Datasheet(PDF) 21 Page - Analog Devices

Part # ADSP-21486KSWZ-2AB
Description  SHARC Processor
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-21486KSWZ-2AB Datasheet(HTML) 21 Page - Analog Devices

Back Button ADSP-21486KSWZ-2AB Datasheet HTML 17Page - Analog Devices ADSP-21486KSWZ-2AB Datasheet HTML 18Page - Analog Devices ADSP-21486KSWZ-2AB Datasheet HTML 19Page - Analog Devices ADSP-21486KSWZ-2AB Datasheet HTML 20Page - Analog Devices ADSP-21486KSWZ-2AB Datasheet HTML 21Page - Analog Devices ADSP-21486KSWZ-2AB Datasheet HTML 22Page - Analog Devices ADSP-21486KSWZ-2AB Datasheet HTML 23Page - Analog Devices ADSP-21486KSWZ-2AB Datasheet HTML 24Page - Analog Devices ADSP-21486KSWZ-2AB Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 71 page
background image
ADSP-21483/ADSP-21486/ADSP-21487/ADSP-21488/ADSP-21489
Rev. H
|
Page 21 of 71
|
February 2020
ABSOLUTE MAXIMUM RATINGS
Stresses at or above those listed in Table 16 may cause perma-
nent damage to the product. This is a stress rating only;
functional operation of the product at these or any other condi-
tions above those indicated in the operational section of this
specification is not implied. Operation beyond the maximum
operating conditions for extended periods may affect product
reliability.
ESD SENSITIVITY
MAXIMUM POWER DISSIPATION
See Engineer-to-Engineer Note Estimating Power for ADSP-
214xx SHARC Processors (EE-348) for detailed thermal and
power information regarding maximum power dissipation. For
information on package thermal specifications, see Thermal
Characteristics on Page 56.
Table 15. Dynamic Current in CCLK Domain—IDD_INT_DYNAMIC (mA, with ASF = 1.0)
1, 2
fCCLK
(MHz)
VDD_INT (V)
0.975 V
1.0 V
1.025 V
1.05 V
1.075 V
1.10 V
1.125 V
1.15 V
1.175 V
100
76
7781
848788
909295
150
117
119
123
126
130
133
136
139
144
200
153
156
161
165
170
174
179
183
188
250
190
195
201
207
212
217
223
229
235
300
227
233
240
246
253
260
266
273
280
350
263
272
278
286
294
302
309
318
325
400
300
309
317
326
335
344
352
361
370
450
339
349
356
365
374
385
394
405
415
1 The values are not guaranteed as standalone maximum specifications. They must be combined with static current per the equations of Electrical Characteristics on Page 19.
2 Valid frequency and voltage ranges are model-specific. See Operating Conditions on Page 18.
Table 16. Absolute Maximum Ratings
Parameter
Rating
Internal (Core) Supply Voltage (VDD_INT) –0.3 V to +1.32 V
External (I/O) Supply Voltage (VDD_EXT)–0.3 V to +3.6 V
Thermal Diode Supply Voltage
(VDD_THD)
–0.3 V to +3.6 V
Input Voltage
–0.5 V to +3.6 V
Output Voltage Swing
–0.5 V to VDD_EXT +0.5 V
Storage Temperature Range
–65°C to +150°C
Junction Temperature While Biased
125°C
ESD (electrostatic discharge) sensitive device.
Charged devices and circuit boards can discharge
without detection. Although this product features
patented or proprietary protection circuitry, damage
may occur on devices subjected to high energy ESD.
Therefore, proper ESD precautions should be taken to
avoid performance degradation or loss of functionality.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com