Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADSP-21486KSWZ-2AB Datasheet(PDF) 50 Page - Analog Devices

Part # ADSP-21486KSWZ-2AB
Description  SHARC Processor
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-21486KSWZ-2AB Datasheet(HTML) 50 Page - Analog Devices

Back Button ADSP-21486KSWZ-2AB Datasheet HTML 46Page - Analog Devices ADSP-21486KSWZ-2AB Datasheet HTML 47Page - Analog Devices ADSP-21486KSWZ-2AB Datasheet HTML 48Page - Analog Devices ADSP-21486KSWZ-2AB Datasheet HTML 49Page - Analog Devices ADSP-21486KSWZ-2AB Datasheet HTML 50Page - Analog Devices ADSP-21486KSWZ-2AB Datasheet HTML 51Page - Analog Devices ADSP-21486KSWZ-2AB Datasheet HTML 52Page - Analog Devices ADSP-21486KSWZ-2AB Datasheet HTML 53Page - Analog Devices ADSP-21486KSWZ-2AB Datasheet HTML 54Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 71 page
background image
Rev. H
|
Page 50 of 71
|
February 2020
ADSP-21483/ADSP-21486/ADSP-21487/ADSP-21488/ADSP-21489
SPI Interface—Slave
Table 50. SPI Interface Protocol—Slave Switching and Timing Specifications
Parameter
Min
Max
Unit
Timing Requirements
tSPICLKS
Serial Clock Cycle
4 × tPCLK – 2
ns
tSPICHS
Serial Clock High Period
2 × tPCLK – 2
ns
tSPICLS
Serial Clock Low Period
2 × tPCLK – 2
ns
tSDSCO
SPIDS Assertion to First SPICLK Edge
CPHASE = 0
CPHASE = 1
2 × tPCLK
ns
tHDS
Last SPICLK Edge to SPIDS Not Asserted, CPHASE = 0
2 × tPCLK
ns
tSSPIDS
Data Input Valid to SPICLK edge (Data Input Set-up Time)
2
ns
tHSPIDS
SPICLK Last Sampling Edge to Data Input Not Valid
2
ns
tSDPPW
SPIDS Deassertion Pulse Width (CPHASE=0)
2 × tPCLK
ns
Switching Characteristics
tDSOE
SPIDS Assertion to Data Out Active
0
7.5
ns
tDSOE
1
SPIDS Assertion to Data Out Active (SPI2)
0
7.5
ns
tDSDHI
SPIDS Deassertion to Data High Impedance
0
10.5
ns
tDSDHI
1
SPIDS Deassertion to Data High Impedance (SPI2)
0
10.5
ns
tDDSPIDS
SPICLK Edge to Data Out Valid (Data Out Delay Time)
9.5
ns
tHDSPIDS
SPICLK Edge to Data Out Not Valid (Data Out Hold Time)
2 × tPCLK
ns
tDSOV
SPIDS Assertion to Data Out Valid (CPHASE = 0)
5 × tPCLK
ns
1 The timing for these parameters applies when the SPI is routed through the signal routing unit. For more information, see the “Serial Peripheral Interface Port” chapter of
the hardware reference manual.
Figure 35. SPI Slave Timing
tSPICHS
tSPICLS
tSPICLKS
tHDS
tSDPPW
tSDSCO
tDSOE
tDDSPIDS
tDDSPIDS
tDSDHI
tHDSPIDS
tHSPIDS
tSSPIDS
tDSDHI
tDSOV
tHSPIDS
tHDSPIDS
SPIDS
(INPUT)
MISO
(OUTPUT)
MOSI
(INPUT)
MISO
(OUTPUT)
MOSI
(INPUT)
CPHASE = 1
CPHASE = 0
SPICLK
(CP = 0,
CP = 1)
(INPUT)
tSSPIDS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com