Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADSP-21486KSWZ-2AB Datasheet(PDF) 42 Page - Analog Devices

Part # ADSP-21486KSWZ-2AB
Description  SHARC Processor
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-21486KSWZ-2AB Datasheet(HTML) 42 Page - Analog Devices

Back Button ADSP-21486KSWZ-2AB Datasheet HTML 38Page - Analog Devices ADSP-21486KSWZ-2AB Datasheet HTML 39Page - Analog Devices ADSP-21486KSWZ-2AB Datasheet HTML 40Page - Analog Devices ADSP-21486KSWZ-2AB Datasheet HTML 41Page - Analog Devices ADSP-21486KSWZ-2AB Datasheet HTML 42Page - Analog Devices ADSP-21486KSWZ-2AB Datasheet HTML 43Page - Analog Devices ADSP-21486KSWZ-2AB Datasheet HTML 44Page - Analog Devices ADSP-21486KSWZ-2AB Datasheet HTML 45Page - Analog Devices ADSP-21486KSWZ-2AB Datasheet HTML 46Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 71 page
background image
Rev. H
|
Page 42 of 71
|
February 2020
ADSP-21483/ADSP-21486/ADSP-21487/ADSP-21488/ADSP-21489
Parallel Data Acquisition Port (PDAP)
The timing requirements for the PDAP are provided in
Table 39. PDAP is the parallel mode operation of Channel 0 of
the IDP. For details on the operation of the PDAP, see the
PDAP chapter of the hardware reference manual. Note that the
20 bits of external PDAP data can be provided through the
ADDR23–4 pins or over the DAI pins.
Table 39. Parallel Data Acquisition Port (PDAP)
Parameter
Min
Max
Unit
Timing Requirements
tSPHOLD
1
PDAP_HOLD Setup Before PDAP_CLK Sample Edge
2.5
ns
tHPHOLD
1
PDAP_HOLD Hold After PDAP_CLK Sample Edge
2.5
ns
tPDSD
1
PDAP_DAT Setup Before PDAP_CLK Sample Edge
3.85
ns
tPDHD
1
PDAP_DAT Hold After PDAP_CLK Sample Edge
2.5
ns
tPDCLKW
Clock Width
(tPCLK × 4) ÷ 2 – 3
ns
tPDCLK
Clock Period
tPCLK × 4
ns
Switching Characteristics
tPDHLDD
Delay of PDAP Strobe After Last PDAP_CLK Capture Edge for a Word
2 × tPCLK + 3
ns
tPDSTRB
PDAP Strobe Pulse Width
2 × tPCLK – 1.5
ns
1 Source pins of PDAP_DATA are ADDR23–4 or DAI pins. Source pins for PDAP_CLK and PDAP_HOLD are 1) DAI pins; 2) CLKIN through PCG; 3) DAI pins through
PCG; or 4) ADDR3–2 pins.
Figure 25. PDAP Timing
DAI_P20–1
(PDAP_CLK)
SAMPLE EDGE
DAI_P20–1
(PDAP_HOLD)
DAI_P20–1
(PDAP_STROBE)
tPDSTRB
tPDHLDD
tPDHD
tPDSD
tSPHOLD
tHPHOLD
tPDCLK
tPDCLKW
DAI_P20–1/
ADDR23–4
(PDAP_DATA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com