Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AGLP030 Datasheet(PDF) 60 Page - Actel Corporation

Part # AGLP030
Description  IGLOO PLUS Low Power Flash FPGAs with Flash*Freeze Technology
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

AGLP030 Datasheet(HTML) 60 Page - Actel Corporation

Back Button AGLP030 Datasheet HTML 56Page - Actel Corporation AGLP030 Datasheet HTML 57Page - Actel Corporation AGLP030 Datasheet HTML 58Page - Actel Corporation AGLP030 Datasheet HTML 59Page - Actel Corporation AGLP030 Datasheet HTML 60Page - Actel Corporation AGLP030 Datasheet HTML 61Page - Actel Corporation AGLP030 Datasheet HTML 62Page - Actel Corporation AGLP030 Datasheet HTML 63Page - Actel Corporation AGLP030 Datasheet HTML 64Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 128 page
background image
IGLOO PLUS DC and Switching Characteristics
2- 46
R e v i sio n 1 1
1.2 V DC Core Voltage
Table 2-75 • Input Data Register Propagation Delays
Commercial-Case Conditions: TJ = 70°C, Worst-Case VCC = 1.14 V
Parameter
Description
Std.
Units
tICLKQ
Clock-to-Q of the Input Data Register
0.66
ns
tISUD
Data Setup Time for the Input Data Register
0.43
ns
tIHD
Data Hold Time for the Input Data Register
0.00
ns
tICLR2Q
Asynchronous Clear-to-Q of the Input Data Register
0.86
ns
tIPRE2Q
Asynchronous Preset-to-Q of the Input Data Register
0.86
ns
tIREMCLR
Asynchronous Clear Removal Time for the Input Data Register
0.00
ns
tIRECCLR
Asynchronous Clear Recovery Time for the Input Data Register
0.24
ns
tIREMPRE
Asynchronous Preset Removal Time for the Input Data Register
0.00
ns
tIRECPRE
Asynchronous Preset Recovery Time for the Input Data Register
0.24
ns
tIWCLR
Asynchronous Clear Minimum Pulse Width for the Input Data Register
0.19
ns
tIWPRE
Asynchronous Preset Minimum Pulse Width for the Input Data Register
0.19
ns
tICKMPWH
Clock Minimum Pulse Width High for the Input Data Register
0.31
ns
tICKMPWL
Clock Minimum Pulse Width Low for the Input Data Register
0.28
ns
Note:
For specific junction temperature and voltage supply levels, refer to Table 2-7 on page 2-7 for derating values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com