Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AGLP030 Datasheet(PDF) 21 Page - Actel Corporation

Part # AGLP030
Description  IGLOO PLUS Low Power Flash FPGAs with Flash*Freeze Technology
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

AGLP030 Datasheet(HTML) 21 Page - Actel Corporation

Back Button AGLP030 Datasheet HTML 17Page - Actel Corporation AGLP030 Datasheet HTML 18Page - Actel Corporation AGLP030 Datasheet HTML 19Page - Actel Corporation AGLP030 Datasheet HTML 20Page - Actel Corporation AGLP030 Datasheet HTML 21Page - Actel Corporation AGLP030 Datasheet HTML 22Page - Actel Corporation AGLP030 Datasheet HTML 23Page - Actel Corporation AGLP030 Datasheet HTML 24Page - Actel Corporation AGLP030 Datasheet HTML 25Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 128 page
background image
IGLOO PLUS Low Power Flash FPGAs
Re vi s i on 11
2-7
Calculating Power Dissipation
Quiescent Supply Current
Quiescent supply current (IDD) calculation depends on multiple factors, including operating voltages
(VCC, VCCI, and VJTAG), operating temperature, system clock frequency, and power mode usage.
Actel recommends using the Power Calculator and SmartPower software estimation tools to evaluate the
projected static and active power based on the user design, power mode usage, operating voltage, and
temperature.
Table 2-7 • Temperature and Voltage Derating Factors for Timing Delays (normalized to TJ = 70°C,
VCC =1.14V)
For IGLOO PLUS V2, 1.2 V DC Core Supply Voltage
Array Voltage
VCC (V)
Junction Temperature (°C)
–40°C
0°C
25°C
70°C
85°C
100°C
1.14
0.963
0.975
0.989
1.000
1.007
1.011
1.2
0.853
0.865
.0877
0.893
0.893
0.897
1.26
0.781
0.792
0.803
0.813
0.819
0.822
Table 2-8 • Power Supply State per Mode
Modes/Power Supplies
Power Supply Configurations
VCC
VCCPLL
VCCI
VJTAG
VPUMP
Flash*Freeze
On
On
On
On
On/off/floating
Sleep
Off
Off
On
Off
Off
Shutdown
Off
Off
Off
Off
Off
No Flash*Freeze
On
On
On
On
On/off/floating
Note:
Off: Power Supply level = 0 V
Table 2-9 • Quiescent Supply Current (IDD) Characteristics, IGLOO PLUS Flash*Freeze Mode*
Core Voltage
AGLP030
AGLP060
AGLP125
Units
Typical (25°C)
1.2 V
4
8
13
µA
1.5 V
6
10
18
µA
* IDD includes VCC, VPUMP, VCCI, VJTAG, and VCCPLL currents.
Table 2-10 • Quiescent Supply Current (IDD) Characteristics, IGLOO PLUS Sleep Mode*
ICCI Current
Core Voltage
AGLP030 AGLP060 AGLP125
Units
VCCI = 1.2 V (per bank) Typical (25°C)
1.2 V
1.7
1.7
1.7
µA
VCCI = 1.5 V (per bank) Typical (25°C)
1.2 V / 1.5 V
1.8
1.8
1.8
µA
VCCI = 1.8 V (per bank) Typical (25°C)
1.2 V / 1.5 V
1.9
1.9
1.9
µA
VCCI = 2.5 V (per bank) Typical (25°C)
1.2 V / 1.5 V
2.2
2.2
2.2
µA
VCCI = 3.3 V (per bank) Typical (25°C)
1.2 V / 1.5 V
2.5
2.5
2.5
µA
Note:
*IDD = NBANKS * ICCI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com