Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AGLP030 Datasheet(PDF) 36 Page - Actel Corporation

Part # AGLP030
Description  IGLOO PLUS Low Power Flash FPGAs with Flash*Freeze Technology
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

AGLP030 Datasheet(HTML) 36 Page - Actel Corporation

Back Button AGLP030 Datasheet HTML 32Page - Actel Corporation AGLP030 Datasheet HTML 33Page - Actel Corporation AGLP030 Datasheet HTML 34Page - Actel Corporation AGLP030 Datasheet HTML 35Page - Actel Corporation AGLP030 Datasheet HTML 36Page - Actel Corporation AGLP030 Datasheet HTML 37Page - Actel Corporation AGLP030 Datasheet HTML 38Page - Actel Corporation AGLP030 Datasheet HTML 39Page - Actel Corporation AGLP030 Datasheet HTML 40Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 128 page
background image
IGLOO PLUS DC and Switching Characteristics
2- 22
R e v i sio n 1 1
Table 2-25 • Summary of I/O Timing Characteristics—Software Default Settings, STD Speed Grade,
Commercial-Case Conditions: TJ = 70°C, Worst-Case VCC = 1.425 V, Worst-Case VCCI = 3.0 V
3.3 V LVTTL /
3.3 V LVCMOS
12 mA 12 mA High 5 pF
–
0.97
1.76 0.18 0.85 1.15 0.66 1.80 1.39 2.20 2.64
ns
3.3 V LVCMOS
Wide Range2
100 µA 12 mA High 5 pF –
0.97
2.47 0.18 1.18 1.64 0.66 2.48 1.91 3.16 3.76
ns
2.5 V LVCMOS
12 mA 12 mA High 5 pF
–
0.97
1.77 0.18 1.06 1.22 0.66 1.81 1.51 2.22 2.56
ns
1.8 V LVCMOS
8 mA
8 mA
High 5 pF
–
0.97
2.00 0.18 1.00 1.43 0.66 2.04 1.76 2.29 2.55
ns
1.5 V LVCMOS
4 mA
4 mA
High 5 pF
–
0.97
2.29 0.18 1.16 1.62 0.66 2.33 2.00 2.37 2.57
ns
Notes:
1. Note that 3.3 V LVCMOS wide range is applicable to 100 µA drive strength only. The configuration will not operate at the
equivalent software default drive strength. These values are for normal ranges only.
2. All LVCMOS 3.3 V software macros support LVCMOS 3.3 V wide range as specified in the JESD-8B specification.
3. For specific junction temperature and voltage supply levels, refer to Table 2-6 on page 2-6 for derating values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com