Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AGLP030 Datasheet(PDF) 66 Page - Actel Corporation

Part # AGLP030
Description  IGLOO PLUS Low Power Flash FPGAs with Flash*Freeze Technology
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

AGLP030 Datasheet(HTML) 66 Page - Actel Corporation

Back Button AGLP030 Datasheet HTML 62Page - Actel Corporation AGLP030 Datasheet HTML 63Page - Actel Corporation AGLP030 Datasheet HTML 64Page - Actel Corporation AGLP030 Datasheet HTML 65Page - Actel Corporation AGLP030 Datasheet HTML 66Page - Actel Corporation AGLP030 Datasheet HTML 67Page - Actel Corporation AGLP030 Datasheet HTML 68Page - Actel Corporation AGLP030 Datasheet HTML 69Page - Actel Corporation AGLP030 Datasheet HTML 70Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 128 page
background image
IGLOO PLUS DC and Switching Characteristics
2- 52
R e v i sio n 1 1
Figure 2-18 • Timing Model and Waveforms
Net
A
Y
B
Length = 1 VersaTile
Net
A
Y
B
Length = 1 VersaTile
Net
A
Y
B
Length = 1 VersaTile
Net
A
Y
B
Length = 1 VersaTile
NAND2 or Any
Combinatorial
Logic
NAND2 or Any
Combinatorial
Logic
NAND2 or Any
Combinatorial
Logic
NAND2 or Any
Combinatorial
Logic
tPD = MAX(tPD(RR), tPD(RF), tPD(FF), tPD(FR))
where edges are applicable for a particular
combinatorial cell
Fanout = 4
tPD
t
PD
t
PD
50%
VCC
V
CC
VCC
50%
GND
A, B, C
50%
50%
50%
(RR)
(RF)
GND
OUT
OUT
GND
50%
(FF)
(FR)
t
PD
t
PD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com