Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AGLP030 Datasheet(PDF) 44 Page - Actel Corporation

Part # AGLP030
Description  IGLOO PLUS Low Power Flash FPGAs with Flash*Freeze Technology
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

AGLP030 Datasheet(HTML) 44 Page - Actel Corporation

Back Button AGLP030 Datasheet HTML 40Page - Actel Corporation AGLP030 Datasheet HTML 41Page - Actel Corporation AGLP030 Datasheet HTML 42Page - Actel Corporation AGLP030 Datasheet HTML 43Page - Actel Corporation AGLP030 Datasheet HTML 44Page - Actel Corporation AGLP030 Datasheet HTML 45Page - Actel Corporation AGLP030 Datasheet HTML 46Page - Actel Corporation AGLP030 Datasheet HTML 47Page - Actel Corporation AGLP030 Datasheet HTML 48Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 128 page
background image
IGLOO PLUS DC and Switching Characteristics
2- 30
R e v i sio n 1 1
Timing Characteristics
Applies to 1.5 V DC Core Voltage
Applies to 1.2 V DC Core Voltage
Table 2-42 • 3.3 V LVCMOS Wide Range Low Slew – Applies to 1.5 V DC Core Voltage
Commercial-Case Conditions: TJ = 70°C, Worst-Case VCC = 1.425 V, Worst-Case VCCI = 2.7 V
Drive
Strength
Equivalent
Software
Default
Drive
Strength
Option1
Speed
Grade
tDOUT
tDP
tDIN
tPY
tPYS
tEOUT
tZL
tZH
tLZ
tHZ
Units
100 µA
4 mA
STD
0.97
5.85
0.18
1.18
1.64
0.66
5.86
5.05
2.57
2.57
ns
100 µA
6 mA
STD
0.97
4.70
0.18
1.18
1.64
0.66
4.72
4.27
2.92
3.19
ns
100 µA
8 mA
STD
0.97
4.70
0.18
1.18
1.64
0.66
4.72
4.27
2.92
3.19
ns
100 µA
12 mA
STD
0.97
3.96
0.18
1.18
1.64
0.66
3.98
3.70
3.16
3.59
ns
100 µA
16 mA
STD
0.97
3.96
0.18
1.18
1.64
0.66
3.98
3.70
3.16
3.59
ns
Notes:
1. The minimum drive strength for any LVCMOS 3.3 V software configuration when run in wide range is ±100 µA. Drive
strength displayed in the software is supported for normal range only. For a detailed I/V curve, refer to the IBIS models.
2. For specific junction temperature and voltage supply levels, refer to Table 2-6 on page 2-6 for derating values.
Table 2-43 • 3.3 V LVCMOS Wide Range High Slew – Applies to 1.5 V DC Core Voltage
Commercial-Case Conditions: TJ = 70°C, Worst-Case VCC = 1.425 V, Worst-Case VCCI = 2.7 V
Drive
Strength
Equivalent
Software
Default
Drive
Strength
Option1
Speed
Grade
tDOUT
tDP
tDIN
tPY
tPYS
tEOUT
tZL
tZH
tLZ
tHZ
Units
100 µA
4 mA
STD
0.97
3.39
0.18
1.18
1.64
0.66
3.41
2.69
2.57
2.73
ns
100 µA
6 mA
STD
0.97
2.79
0.18
1.18
1.64
0.66
2.80
2.17
2.92
3.36
ns
100 µA
8 mA
STD
0.97
2.79
0.18
1.18
1.64
0.66
2.80
2.17
2.92
3.36
ns
100 µA
12 mA
STD
0.97
2.47
0.18
1.18
1.64
0.66
2.48
1.91
3.16
3.76
ns
100 µA
16 mA
STD
0.97
2.47
0.18
1.18
1.64
0.66
2.48
1.91
3.16
3.76
ns
Notes:
1. The minimum drive strength for any LVCMOS 3.3 V software configuration when run in wide range is ±100 µA. Drive
strength displayed in the software is supported for normal range only. For a detailed I/V curve, refer to the IBIS models.
2. For specific junction temperature and voltage supply levels, refer to Table 2-6 on page 2-6 for derating values.
3. Software default selection highlighted in gray.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com