Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AGLP030 Datasheet(PDF) 25 Page - Actel Corporation

Part # AGLP030
Description  IGLOO PLUS Low Power Flash FPGAs with Flash*Freeze Technology
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

AGLP030 Datasheet(HTML) 25 Page - Actel Corporation

Back Button AGLP030 Datasheet HTML 21Page - Actel Corporation AGLP030 Datasheet HTML 22Page - Actel Corporation AGLP030 Datasheet HTML 23Page - Actel Corporation AGLP030 Datasheet HTML 24Page - Actel Corporation AGLP030 Datasheet HTML 25Page - Actel Corporation AGLP030 Datasheet HTML 26Page - Actel Corporation AGLP030 Datasheet HTML 27Page - Actel Corporation AGLP030 Datasheet HTML 28Page - Actel Corporation AGLP030 Datasheet HTML 29Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 128 page
background image
IGLOO PLUS Low Power Flash FPGAs
Re vi s i on 11
2 - 11
Table 2-16 • Different Components Contributing to the Static Power Consumption in IGLOO PLUS Devices
For IGLOO PLUS V2 or V5 Devices, 1.5 V Core Supply Voltage
Parameter
Definition
Device-Specific Static Power (mW)
AGLP125
AGLP060
AGLP030
PDC1
Array static power in Active mode
See Table 2-12 on page 2-8
PDC2
Array static power in Static (Idle) mode
See Table 2-11 on page 2-8
PDC3
Array static power in Flash*Freeze mode
See Table 2-9 on page 2-7
PDC4
Static PLL contribution
1.841
PDC5
Bank quiescent power (VCCI-dependent)
See Table 2-12 on page 2-8
Notes:
1. This is the minimum contribution of the PLL when operating at lowest frequency.
2. For a different output load, drive strength, or slew rate, Actel recommends using the Actel power spreadsheet calculator
or the SmartPower tool in Actel Libero® Integrated Design Environment (IDE) software.
Table 2-17 • Different Components Contributing to Dynamic Power Consumption in IGLOO PLUS Devices
For IGLOO PLUS V2 Devices, 1.2 V Core Supply Voltage
Parameter
Definition
Device-Specific Dynamic Power
(µW/MHz)
AGLP125
AGLP060 AGLP030
PAC1
Clock contribution of a Global Rib
7.07
5.96
5.96
PAC2
Clock contribution of a Global Spine
0.52
0.52
0.26
PAC3
Clock contribution of a VersaTile row
0.52
PAC4
Clock contribution of a VersaTile used as a sequential module
0.07
PAC5
First contribution of a VersaTile used as a sequential module
0.045
PAC6
Second contribution of a VersaTile used as a sequential module
0.186
PAC7
Contribution of a VersaTile used as a combinatorial module
0.11
PAC8
Average contribution of a routing net
0.45
PAC9
Contribution of an I/O input pin (standard-dependent)
See Table 2-13 on page 2-9
PAC10
Contribution of an I/O output pin (standard-dependent)
See Table 2-14 on page 2-9
PAC11
Average contribution of a RAM block during a read operation
25.00
PAC12
Average contribution of a RAM block during a write operation
30.00
PAC13
Dynamic contribution for PLL
2.10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com