Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AGLP030 Datasheet(PDF) 92 Page - Actel Corporation

Part # AGLP030
Description  IGLOO PLUS Low Power Flash FPGAs with Flash*Freeze Technology
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

AGLP030 Datasheet(HTML) 92 Page - Actel Corporation

Back Button AGLP030 Datasheet HTML 88Page - Actel Corporation AGLP030 Datasheet HTML 89Page - Actel Corporation AGLP030 Datasheet HTML 90Page - Actel Corporation AGLP030 Datasheet HTML 91Page - Actel Corporation AGLP030 Datasheet HTML 92Page - Actel Corporation AGLP030 Datasheet HTML 93Page - Actel Corporation AGLP030 Datasheet HTML 94Page - Actel Corporation AGLP030 Datasheet HTML 95Page - Actel Corporation AGLP030 Datasheet HTML 96Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 128 page
background image
IGLOO PLUS DC and Switching Characteristics
2- 78
R e v i sio n 1 1
JTAG 1532 Characteristics
JTAG timing delays do not include JTAG I/Os. To obtain complete JTAG timing, add I/O buffer delays to
the corresponding standard selected; refer to the I/O timing characteristics in the "User I/O
Characteristics" section on page 2-15 for more details.
Timing Characteristics
1.5 V DC Core Voltage
1.2 V DC Core Voltage
Table 2-100 • JTAG 1532
Commercial-Case Conditions: TJ = 70°C, Worst-Case VCC = 1.425 V
Parameter
Description
Std.
Units
tDISU
Test Data Input Setup Time
1.00
ns
tDIHD
Test Data Input Hold Time
2.00
ns
tTMSSU
Test Mode Select Setup Time
1.00
ns
tTMDHD
Test Mode Select Hold Time
2.00
ns
tTCK2Q
Clock to Q (data out)
8.00
ns
tRSTB2Q
Reset to Q (data out)
25.00
ns
FTCKMAX
TCK Maximum Frequency
15
MHz
tTRSTREM
ResetB Removal Time
0.58
ns
tTRSTREC
ResetB Recovery Time
0.00
ns
tTRSTMPW
ResetB Minimum Pulse
TBD
ns
Note:
For specific junction temperature and voltage supply levels, refer to Table 2-6 on page 2-6 for derating values.
Table 2-101 • JTAG 1532
Commercial-Case Conditions: TJ = 70°C, Worst-Case VCC = 1.14 V
Parameter
Description
Std.
Units
tDISU
Test Data Input Setup Time
1.50
ns
tDIHD
Test Data Input Hold Time
3.00
ns
tTMSSU
Test Mode Select Setup Time
1.50
ns
tTMDHD
Test Mode Select Hold Time
3.00
ns
tTCK2Q
Clock to Q (data out)
11.00
ns
tRSTB2Q
Reset to Q (data out)
30.00
ns
FTCKMAX
TCK Maximum Frequency
9.00
MHz
tTRSTREM
ResetB Removal Time
1.18
ns
tTRSTREC
ResetB Recovery Time
0.00
ns
tTRSTMPW
ResetB Minimum Pulse
TBD
ns
Note:
For specific junction temperature and voltage supply levels, refer to Table 2-6 on page 2-6 for derating values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com