Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AGLP030 Datasheet(PDF) 91 Page - Actel Corporation

Part # AGLP030
Description  IGLOO PLUS Low Power Flash FPGAs with Flash*Freeze Technology
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

AGLP030 Datasheet(HTML) 91 Page - Actel Corporation

Back Button AGLP030 Datasheet HTML 87Page - Actel Corporation AGLP030 Datasheet HTML 88Page - Actel Corporation AGLP030 Datasheet HTML 89Page - Actel Corporation AGLP030 Datasheet HTML 90Page - Actel Corporation AGLP030 Datasheet HTML 91Page - Actel Corporation AGLP030 Datasheet HTML 92Page - Actel Corporation AGLP030 Datasheet HTML 93Page - Actel Corporation AGLP030 Datasheet HTML 94Page - Actel Corporation AGLP030 Datasheet HTML 95Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 128 page
background image
IGLOO PLUS Low Power Flash FPGAs
Re vi s i on 11
2 - 77
Embedded FlashROM Characteristics
Timing Characteristics
1.5 V DC Core Voltage
1.2 V DC Core Voltage
Figure 2-36 • Timing Diagram
A0
A1
tSU
tHOLD
tSU
tHOLD
tSU
tHOLD
tCKQ2
tCKQ2
tCKQ2
CLK
Address
Data
D0
D0
D1
Table 2-98 • Embedded FlashROM Access Time
Worst Commercial-Case Conditions: TJ = 70°C, VCC = 1.425 V
Parameter
Description
Std.
Units
tSU
Address Setup Time
0.57
ns
tHOLD
Address Hold Time
0.00
ns
tCK2Q
Clock to Out
17.58
ns
FMAX
Maximum Clock Frequency
15
MHz
Table 2-99 • Embedded FlashROM Access Time
Worst Commercial-Case Conditions: TJ = 70°C, VCC = 1.14 V
Parameter
Description
Std.
Units
tSU
Address Setup Time
0.59
ns
tHOLD
Address Hold Time
0.00
ns
tCK2Q
Clock to Out
30.94
ns
FMAX
Maximum Clock Frequency
10
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com