Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AGLP030 Datasheet(PDF) 123 Page - Actel Corporation

Part # AGLP030
Description  IGLOO PLUS Low Power Flash FPGAs with Flash*Freeze Technology
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

AGLP030 Datasheet(HTML) 123 Page - Actel Corporation

Back Button AGLP030 Datasheet HTML 119Page - Actel Corporation AGLP030 Datasheet HTML 120Page - Actel Corporation AGLP030 Datasheet HTML 121Page - Actel Corporation AGLP030 Datasheet HTML 122Page - Actel Corporation AGLP030 Datasheet HTML 123Page - Actel Corporation AGLP030 Datasheet HTML 124Page - Actel Corporation AGLP030 Datasheet HTML 125Page - Actel Corporation AGLP030 Datasheet HTML 126Page - Actel Corporation AGLP030 Datasheet HTML 127Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 123 / 128 page
background image
IGLOO PLUS Low Power Flash FPGAs
Re vi s i on 11
4-3
Revision 11 (continued) The following tables were updated in the "Global Tree Timing Characteristics"
section:
Table 2-85 • AGLP060 Global Resource (1.5 V)
Table 2-86 • AGLP125 Global Resource (1.5 V)
Table 2-88 • AGLP060 Global Resource (1.2 V)
2-58
Table 2-90 • IGLOO PLUS CCC/PLL Specification and Table 2-91 • IGLOO PLUS
CCC/PLL Specification were revised (SAR 79388). VCO output jitter and
maximum peak-to-peak jitter data were changed. Three notes were added to the
table in connection with these changes.
2-61
Figure 2-28 • Write Access after Write onto Same Address and Figure 2-29 •
Write Access after Read onto Same Address were deleted.
N/A
The tables in the "SRAM", "FIFO" and "Embedded FlashROM Characteristics"
sections were updated.
2-68,
2-77
Revision 10 (Apr 2009)
Product Brief v1.5
DC and Switching
Characteristics
Advance v0.5
The –F speed grade is no longer offered for IGLOO PLUS devices. References to
it have been removed from the document. The speed grade column and note
regarding –F speed grade were removed from "IGLOO PLUS Ordering
Information". The "Speed Grade and Temperature Grade Matrix" section was
removed.
III, IV
Revision 9 (Feb 2009)
Product Brief v1.4
The "Advanced I/O" section was revised to add two bullets regarding support of
wide range power supply voltage.
I
The "I/Os with Advanced I/O Standards" section was revised to add 3.0 V wide
range to the list of supported voltages. The "Wide Range I/O Support" section is
new.
1-7
Revision 8 (Jan 2009)
Packaging v1.5
The "201-Pin CSP" pin table was revised to add a note regarding pins G1 and
H1.
3-8
Revision 7 (Dec 2008)
Product Brief v1.3
A note was added to
IGLOO PLUS Devices: "AGLP060 in CS201 does not
support the PLL."
I
Table 2 • IGLOO PLUS FPGAs Package Size Dimensions was updated to
change the nominal size of VQ176 from 100 to 400 mm2.
II
Revision 6 (Oct 2008)
DC and Switching
Characteristics
Advance v0.4
Data was revised significantly in the following tables:
Table 2-25 • Summary of I/O Timing Characteristics—Software Default Settings,
STD Speed Grade, Commercial-Case Conditions: TJ = 70°C, Worst-Case VCC =
1.425 V, Worst-Case VCCI = 3.0 V
Table 2-26 • Summary of I/O Timing Characteristics—Software Default Settings,
STD Speed Grade Commercial-Case Conditions: TJ = 70°C, Worst-Case VCC =
1.14 V, Worst-Case VCCI = 3.0 V
Table 2-50 • 2.5 LVCMOS Low Slew – Applies to 1.2 V DC Core Voltage
Table 2-51 • 2.5 V LVCMOS High Slew – Applies to 1.2 V DC Core Voltage
2-22,
2-33
Revision 5 (Aug 2008)
Product Brief v1.2
The VQ128 and VQ176 packages were added to Table 1 • IGLOO PLUS Product
Family, the "I/Os Per Package 1" table, Table 2 • IGLOO PLUS FPGAs Package
Size Dimensions, "IGLOO PLUS Ordering Information", and the "Temperature
Grade Offerings" table.
I to IV
Packaging v1.4
The "128-Pin VQFP" package drawing and pin table are new.
3-2
The "176-Pin VQFP" package drawing and pin table are new.
3-5
Revision
Changes
Page



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com