Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8253 Datasheet(PDF) 31 Page - Analog Devices

Part # AD8253
Description  36V Fully-Differential Programmable-Gain Instrumentation Amplifier with 25pA Input Bias Current
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8253 Datasheet(HTML) 31 Page - Analog Devices

Back Button AD8253 Datasheet HTML 26Page - Analog Devices AD8253 Datasheet HTML 27Page - Analog Devices AD8253 Datasheet HTML 28Page - Analog Devices AD8253 Datasheet HTML 29Page - Analog Devices AD8253 Datasheet HTML 30Page - Analog Devices AD8253 Datasheet HTML 31Page - Analog Devices AD8253 Datasheet HTML 32Page - Analog Devices AD8253 Datasheet HTML 33Page - Analog Devices AD8253 Datasheet HTML 34Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 31 / 34 page
background image
LTC6373
31
Rev. 0
For more information www.analog.com
As another data acquisition system example, the circuit
of Figure 20 shows the LTC6373 driving the AD7768-1
(a 24-bit, 256ksps, ∑-∆ ADC) through the ADA4945-1 (a
high speed, fully differential ADC driver). The ADC driver
in this circuit has been configured with a closed-loop gain
of 1.3V/V (by using matched discrete resistors) and once
again the LTC6373 in conjunction with the ADA4945-1
provide the maximum 2VREF peak-to-peak differential sig-
nal range needed at the AD7768-1 inputs. More details
about this circuit can be found in Table 7 and the typical
SNR and THD achieved by this signal chain are illustrated
in Figure 21 and Figure 22.
Table 7. Details for LTC6373 Driving AD7768-1 Through ADA4945-1
ADC
VREF
(V)
Signal Level at LTC6373
Outputs = ADC Driver Inputs
(VP-P)
Signal Level at ADC
Driver Outputs = ADC
Inputs (VP-P)
Typical SNR
(dB)
Typical THD
(dB)
AD7768-1 4.096 6.3
8.192
See Figure 21
See Figure 22
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com