Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8253 Datasheet(PDF) 27 Page - Analog Devices

Part # AD8253
Description  36V Fully-Differential Programmable-Gain Instrumentation Amplifier with 25pA Input Bias Current
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8253 Datasheet(HTML) 27 Page - Analog Devices

Back Button AD8253 Datasheet HTML 23Page - Analog Devices AD8253 Datasheet HTML 24Page - Analog Devices AD8253 Datasheet HTML 25Page - Analog Devices AD8253 Datasheet HTML 26Page - Analog Devices AD8253 Datasheet HTML 27Page - Analog Devices AD8253 Datasheet HTML 28Page - Analog Devices AD8253 Datasheet HTML 29Page - Analog Devices AD8253 Datasheet HTML 30Page - Analog Devices AD8253 Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 34 page
background image
LTC6373
27
Rev. 0
For more information www.analog.com
Table 5. SNR and THD Results for LTC6373 Directly Driving AD7134 (at 250ksps)
ADC
LTC6373 Gain
Setting (G)
VREF
(V)
Signal Level at LTC6373
Outputs = ADC Inputs (VP-P)
R
(Ω)
CCM
(pF)
CDIFF
(pF)
fIN (kHz) Typical
SNR (dB)
Typical
THD (dB)
AD7134
0.25
4.096
8.192
0 Open Open
1
108.4
–124
20
107.7
–97
1
4.096
8.192
0 Open Open
1
107.2
–121
20
106.9
–100
16
4.096
8.192
0 Open Open
1
94.3
–112
20
94.3
–93
Table 6. Details for LTC6373 Driving ADAQ4003 at 3 Different Gain Options and Signal Amplitudes
ADAQ4003
Gain
VREF
(V)
Signal Level at LTC6373
Outputs = ADAQ4003 Inputs (VP-P)
Circuit Configuration
Typical SNR
(dB)
Typical THD
(dB)
0.454
5
22
See Figure 11
See Figure 12
See Figure 13
0.9
5
11
See Figure 14
See Figure 15
See Figure 16
1.9
5
5.2
See Figure 17
See Figure 18
See Figure 19
Table 5 lists the typical SNR and THD achieved when the
ADC used in Figure 8 is AD7134 ∑-∆ ADC being driven
directly (with no RC filter in between) by the LTC6373 at
a near full-scale signal.
In some applications, it might be beneficial to use a
separate amplifier/ADC driver between the LTC6373 and
the precision ADC to ease the settling requirements on
the LTC6373 and improve the linearity and THD perfor-
mance of the signal chain. An implementation of such
signal chain can be achieved by using the ADAQ4003,
a precision data acquisition µModule which integrates
multiple signal conditioning and processing blocks inside
a single package. These blocks include a fully differential
ADC driver, a stable reference buffer, an 18-bit, 2Msps,
SAR ADC, as well as critical passive components neces-
sary for optimum performance. This µModule achieves 4X
footprint reduction by itself (compared to discrete solu-
tion) without sacrificing any performance.
The ADAQ4003 offers pin-selectable gain or attenuation
options, giving the user the flexibility to match to their
input signal range. This is showcased in Figures 11-19
as LTC6373 is directly driving the ADAQ4003 at its 3
different gain options, in each case providing the signal
amplitude necessary to utilize the maximum 2VREF peak-
to-peak differential signal range of the ADC inside the
ADAQ4003 µModule.
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com