Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8253 Datasheet(PDF) 12 Page - Analog Devices

Part # AD8253
Description  36V Fully-Differential Programmable-Gain Instrumentation Amplifier with 25pA Input Bias Current
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8253 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD8253 Datasheet HTML 8Page - Analog Devices AD8253 Datasheet HTML 9Page - Analog Devices AD8253 Datasheet HTML 10Page - Analog Devices AD8253 Datasheet HTML 11Page - Analog Devices AD8253 Datasheet HTML 12Page - Analog Devices AD8253 Datasheet HTML 13Page - Analog Devices AD8253 Datasheet HTML 14Page - Analog Devices AD8253 Datasheet HTML 15Page - Analog Devices AD8253 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 34 page
background image
LTC6373
12
Rev. 0
For more information www.analog.com
TYPICAL PERFORMANCE CHARACTERISTICS
Shutdown Supply Current vs
Supply Voltage
Supply Current vs Digital Input
(A2/A1/A0) Pin Voltage
Input Bias Current and Offset
Current vs Temperature
Input Bias Current and Offset
Current vs Temperature
Input Bias Current and Offset Current
vs Input Common Mode Voltage
Input Bias Current vs Input
Differential Voltage
Large Signal Step Response
V+ = V+OUT = 15V, V– = –15V, VICM = VOCM = 0V, TA = 25°C, G = 1, unless otherwise noted.
VS = 30V
DIRECTION OF THE CURRENT
IS OUT OF THE PIN
IB (+IN)
IB (–IN)
IOS
TEMPERATURE (°C)
–50 –25
0
25
50
75
100 125
0.1
1
10
100
1k
6373 G45
VS = 9V
DIRECTION OF THE CURRENT
IS OUT OF THE PIN
IB (+IN)
IB (–IN)
IOS
TEMPERATURE (°C)
–50 –25
0
25
50
75
100 125
0.1
1
10
100
1k
6373 G46
IB (+IN)
IB (–IN)
IOS
INPUT COMMON MODE VOLTAGE (V)
–15
–10
–5
0
5
10
15
–50
–40
–30
–20
–10
0
10
20
30
40
50
6373 G47
FAULT CONDITION
(OVER DRIVEN INPUT)
G = 16
IB (+IN)
IB (–IN)
INPUT DIFFERENTIAL VOLTAGE, V+IN – V–IN (V)
–30
–20
–10
0
10
20
30
–20
–15
–10
–5
0
5
10
15
20
6373 G48
Differential RTI Offset Voltage vs
Input Common Mode Voltage
Large Signal Step Response
–40°C
25°C
85°C
125°C
SUPPLY VOLTAGE (V)
0
5
10
15
20
25
30
35
40
0
50
100
150
200
250
300
6373 G43
DGND = 0V
–40°C
25°C
85°C
125°C
A2 = A1 = A0 VOLTAGE (V)
0 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
6373 G44
NORMALIZED AT VICM = 0V
–15 –12 –9 –6 –3 0
3
6
9 12 15
–1000
–800
–600
–400
–200
0
200
400
600
800
1000
vs Input Common Mode Voltage
INPUT COMMON MODE VOLTAGE (V)
6373 G49
G = 16
G = 8
G = 4
G = 2
G = 1
G = 0.5
G = 0.25
G = 16
VINDIFF = 2.5VP-P
RL = 2kΩ
TIME (2µs/DIV)
6373 G50
+OUT
–OUT
G = 1
RL = 2kΩ
VINDIFF = 20VP-P
TIME (2µs/DIV)
6373 G51
+OUT
–OUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com