Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8253 Datasheet(PDF) 21 Page - Analog Devices

Part # AD8253
Description  36V Fully-Differential Programmable-Gain Instrumentation Amplifier with 25pA Input Bias Current
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8253 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD8253 Datasheet HTML 17Page - Analog Devices AD8253 Datasheet HTML 18Page - Analog Devices AD8253 Datasheet HTML 19Page - Analog Devices AD8253 Datasheet HTML 20Page - Analog Devices AD8253 Datasheet HTML 21Page - Analog Devices AD8253 Datasheet HTML 22Page - Analog Devices AD8253 Datasheet HTML 23Page - Analog Devices AD8253 Datasheet HTML 24Page - Analog Devices AD8253 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 34 page
background image
LTC6373
21
Rev. 0
For more information www.analog.com
Output Common Mode and VOCM Pin
The output common mode voltage is defined as the aver-
age of the two outputs:
VOUTCM = (V+OUT + V–OUT)/2 = VOCM
As the equation shows, the output common mode voltage
is independent of the input common mode voltage, and
is instead determined by the voltage on the VOCM pin, by
means of an internal common mode feedback loop. If
the VOCM pin is left floating, an internal resistor divider
creates a default voltage approximately halfway between
V+OUT and V. The VOCM pin can be overdriven to another
voltage if desired for greater accuracy or flexibility. For
example, when driving an ADC, if the ADC makes a refer-
ence available for setting the common mode voltage, it
can be directly tied to the VOCM pin, as long as the ADC is
capable of driving the 2.3MΩ input resistance presented
by the VOCM pin. The Electrical Characteristics table speci-
fies the valid range that can be applied to the VOCM pin
(VOUTCMR).
Input Pin Protection
To prevent damage, the LTC6373 has a comprehensive
protection scheme, especially on the input pins, as illus-
trated in the Simplified Block Diagram of Figure 1. The
input current applied to the LTC6373’s input pins should
be kept under ±10mA. To achieve additional input protec-
tion, external series resistors and/or low leakage clamp
diodes should be used.
Reducing Board-Related Leakage Effects
Leakage currents can have a significant impact on sys-
tem accuracy, particularly in high temperature and high
voltage applications. Quality insulation materials should
be used, and insulating surfaces should be cleaned to
remove fluxes and other residues. For humid environ-
ments, surface coating may be necessary to provide a
moisture barrier.
6373 F04
LTC6373
–IN
+IN
Figure 4. Guard Rings Can Be Used to Minimize
Leakage into the Input Pins
Leakage into the input pins reacts with the source resis-
tance, creating an error directly at the input. As shown in
Figure 4, this leakage can be minimized by enclosing the
input connections with guard rings operated at a potential
very close to that of the input pins. For the lowest leakage,
amplifiers can be used to drive the guard rings. These
buffers must have very low input bias current since that
current will now be a leakage current.
Input Bias Current Return Path
The low input bias current (25pA max) and high input
impedance (5000GΩ) of the LTC6373 allow the use of
high impedance sources without introducing additional
offset voltage errors, even when the full common mode
range is required. However, a DC path must be provided
for the input bias currents of both inputs when a purely
differential signal is being amplified. Without this path, the
inputs will float to either rail and exceed the input volt-
age range of the LTC6373, resulting in a saturated input
amplifier. Figure 5 shows three examples of an input bias
current path. The first example is of a purely differential
signal source with a 10kΩ input current path to ground.
Since the impedance of the signal source is low, only one
resistor is needed. Two matching resistors are needed for
higher impedance signal sources as shown in the second
example. Balancing the input impedance improves both
DC and AC common mode rejection as well as DC offset.
The need for input resistors is eliminated if a center tap
is present as shown in the third example.
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com