Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8253 Datasheet(PDF) 34 Page - Analog Devices

Part # AD8253
Description  36V Fully-Differential Programmable-Gain Instrumentation Amplifier with 25pA Input Bias Current
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8253 Datasheet(HTML) 34 Page - Analog Devices

Back Button AD8253 Datasheet HTML 26Page - Analog Devices AD8253 Datasheet HTML 27Page - Analog Devices AD8253 Datasheet HTML 28Page - Analog Devices AD8253 Datasheet HTML 29Page - Analog Devices AD8253 Datasheet HTML 30Page - Analog Devices AD8253 Datasheet HTML 31Page - Analog Devices AD8253 Datasheet HTML 32Page - Analog Devices AD8253 Datasheet HTML 33Page - Analog Devices AD8253 Datasheet HTML 34Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 34 / 34 page
background image
LTC6373
34
Rev. 0
For more information www.analog.com
www.analog.com
ANALOG DEVICES, INC. 2020
08/20
RELATED PARTS
TYPICAL APPLICATION
PART NUMBER
DESCRIPTION
COMMENTS
Programmable-Gain Instrumentation Amplifiers (PGIAs)
AD8250
G = 1, 2, 5, 10
VS = 30V, IS = 4.1mA, VOS = 200µV, BW = 10MHz
AD8251
G = 1, 2, 4, 8
VS = 30V, IS = 4.1mA, VOS = 200µV, BW = 10MHz
AD8253
G = 1, 10, 100, 1000
VS = 30V, IS = 4.6mA, VOS = 150µV, BW = 10MHz
AD8231
Zero-Drift, G = 1, 2, 4, 8, 16, 32, 64, 128
+ Shutdown
VS = 5V, IS = 4mA, VOS = 15µV, BW = 2.7MHz
Instrumentation Amplifiers (Resistor-Programmable)
AD8421
3nV/√Hz Instrumentation Amplifier
VS = 36V, IS = 2mA, VOS = 25µV, BW = 10MHz
AD8422
Low Power Instrumentation Amplifier
VS = 36V, IS = 300µA, VOS = 25µV, BW = 2.2MHz
LT®1167
Precision Instrumentation Amplifier
VS = 36V, IS = 900µA, VOS = 40µV, BW = 1MHz
AD8221
Precision Instrumentation Amplifier
VS = 36V, IS = 900µA, VOS = 25µV, BW = 825kHz
Fully Differential Amplifiers
ADA4945-1
High Speed, Fully Differential ADC Driver 3V-10V Supply Range, 4mA/1.4mA Supply Current in Full and Low Power Modes,
−133dBc Distortion at 1kHz
Analog to Digital Converters (ADCs)
AD4020
20-Bit, 1.8Msps, High Precision SAR ADC 1.8V Supply, Differential Input, 100.5dB SNR, ±5V Input Range
LTC2378-20
20-Bit, 1Msps, High Precision SAR ADC
2.5V Supply, Differential Input, 104dB SNR, ±5V Input Range
AD4003
18-Bit, 2Msps, High Precision SAR ADC
1.8V Supply, Differential Input, 100.5dB SNR, ±5V Input Range
LTC2379-18
18-Bit, 1.6Msps, High Precision SAR ADC 2.5V Supply, Differential Input, 101.2dB SNR, ±5V Input Range
AD7768/AD7768-4
/AD7768-1
8-/4-/1-Channel, 24-Bit, Simultaneous-
Sampling, 256ksps ∑-∆ ADC
5V Supply, Differential or Unipolar/Bipolar Input, 108dB DR, 110.8kHz BW
AD7134
4-Channel, 24-Bit, Continuous Time,
1.5Msps ∑-∆ ADC
Easy to Drive Resistive ADC input, 108dB DR, 392kHz BW
ADAQ4003
18-Bit, 2Msps, Data Acquisition μModule Integrates ADC Driver, Reference Buffer, and SAR ADC in a 7×7mm BGA Package
100pF
82.5
82.5
100pF
180pF
1K
1K
1.3K
1.3K
ADA4945-1
1.575V
-1.575V
-
+
1.575V
-1.575V
2.5V
LTC6373
-
+
VOCM
+15V
-15V
6.3V
-6.3V
V-IN
V+IN
6.3V
-6.3V
+
-
REF
DGND
6373 TA02
5V
4.096V
AVDD1
AD7768-1
VCM
5V
2.5V
AVDD2
1.8V
IOVDD
2.5V
4.548V
0.452V
4.548V
0.452V
AVSS
+5V
G=0.25
24-BIT
MEASURED SIGNAL CHAIN PERFORMANCE:
INPUT: fIN =1kHz, –0.5dBFS
SNR: 106.2dB
THD: –120.5dB
LTC6373 Driving the AD7768-1 ∑-Δ ADC through a Fully Differential ADC Driver (ADA4945-1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com